Electronic Components Datasheet Search
  English  ▼

X  

IRF730 Datasheet(PDF) 10 Page - International Rectifier

Part # IRF730
Description  High Power Factor/Low THD
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF730 Datasheet(HTML) 10 Page - International Rectifier

Back Button IRF730 Datasheet HTML 6Page - International Rectifier IRF730 Datasheet HTML 7Page - International Rectifier IRF730 Datasheet HTML 8Page - International Rectifier IRF730 Datasheet HTML 9Page - International Rectifier IRF730 Datasheet HTML 10Page - International Rectifier IRF730 Datasheet HTML 11Page - International Rectifier IRF730 Datasheet HTML 12Page - International Rectifier IRF730 Datasheet HTML 13Page - International Rectifier IRF730 Datasheet HTML 14Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
10
www.irf.com
Figure 7: Typical lamp voltage at startup;
fStartup = fP reheat
Figure 8: Improved lamp voltage at startup;
fStartup > fP reheat
The duration of the Preheat mode as well as which mode of operation the ballast is operating in is
determined by the voltage on the CPH pin of IC2. At the completion of the UVLO mode, Preheat
mode is entered and an internal current source is activated at the CPH pin of IC2 which begins to
charge up capacitor CPH. The ballast remains in the Preheat mode until the voltage on the CPH
pin of IC2 exceeds the Ignition Ramp mode threshold (4V).
Ignition Ramp Mode
At the completion of the Preheat mode (4V < CPH
pin < 5.1V) the ballast switches to the Ignition Ramp
mode and the frequency ramps down to the ignition
frequency. The frequency ramping is accomplished
by turning off the internal open drain MOSFET on
the RPH pin of IC2 (see Figure 1, IR21571 block
diagram). Resistor RPH is no longer connected di-
rectly in parallel with resistor RT. The shift in frequency
does not occur in a step function but rather with an
exponential decay because of capacitor CRAMP in
series with resistor RPH to ground. The duration of
this frequency ramp is determined by the time con-
stant of the RC combination of capacitor CRAMP
and resistor RPH. The minimum frequency of oscil-
lation occurs at the end of this ramp and is deter-
mined by resistor RT and capacitor CT. During this
ramping downward of the frequency, the voltage
across the lamp increases in magnitude as the
frequency approaches the resonant frequency of
the LC load circuit until the lamp ignition voltage
Figure 9: Upper trace: voltage on capacitor
CRAMP during Ignition Ramp mode
Lower trace: Lamp voltage during Ignition
Ramp mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com