Electronic Components Datasheet Search
  English  ▼

X  

IRF730 Datasheet(PDF) 11 Page - International Rectifier

Part # IRF730
Description  High Power Factor/Low THD
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF730 Datasheet(HTML) 11 Page - International Rectifier

Back Button IRF730 Datasheet HTML 7Page - International Rectifier IRF730 Datasheet HTML 8Page - International Rectifier IRF730 Datasheet HTML 9Page - International Rectifier IRF730 Datasheet HTML 10Page - International Rectifier IRF730 Datasheet HTML 11Page - International Rectifier IRF730 Datasheet HTML 12Page - International Rectifier IRF730 Datasheet HTML 13Page - International Rectifier IRF730 Datasheet HTML 14Page - International Rectifier IRF730 Datasheet HTML 15Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
11
www.irf.com
is exceeded and the lamp ignites. Figure 9 shows the ramping of voltage appearing across the lamp
and also the voltage on capacitor CRAMP. Note that the sudden drop in lamp voltage indicates that
the lamp has ignited. Also note that the voltage on capacitor C12 is still increasing at the point when
the lamp has already ignited meaning the frequency is still ramping down to the final minimum
ignition frequency. This minimum frequency corresponds to the absolute maximum ignition voltage
required by the lamp under all conditions.
During the Ignition Ramp mode the voltage on the CPH pin of IC2 continues to ramp up until the
voltage at the CPH pin of IC2 exceeds the Run mode threshold (5.1V). Over-current sensing is also
enabled at the beginning of the Ignition Ramp mode. A full explanation of the functionality of the
over-current sensing is in the section on Fault Mode.
Run Mode
At the end of the Ignition Ramp mode (CPH pin
> 5.1V) the ballast switches to the Run mode at
which point the frequency is shifted to the run
frequency. The run frequency is determined by
the parallel combination of resistors RT and
RRUN and capacitor CT. Resistor RRUN is
connected in parallel by turning on the internal
open drain MOSFET connected to the RUN pin
of IC2 (see Figure 1, IR21571 block diagram).
The sensing of under-current conditions is also
enabled at the beginning of the Run mode. The
full explanation of the functionality of the under-
current sensing is in the section on Fault Mode.
Figure 10 shows the functionality of the CPH,
RPH and RUN pins of IC2 during Startup, Pre-
heat, Ignition Ramp and Run modes.
The Run mode frequency is that at which the lamp is driven to the lamp manufacturer’s recom-
mended lamp power rating. The running frequency of the lamp resonant output stage for selected
component values is defined as,
Figure 10: Top trace: CPH pin IC2
Middle trace: RPH pine IC2
Bottom trace: RUN pin IC2
2
2
2
2
2
2
2
2
2
1
4
2
1
2
1
2
1
C
L
V
V
CV
P
LC
CV
P
LC
f
Lamp
DCbus
Lamp
Lamp
Lamp
Lamp
run
−
−
−
+
−
=
π
π
(3)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com