Electronic Components Datasheet Search
  English  ▼

X  

SLD Datasheet(PDF) 2 Page - Littelfuse

Part # SLD
Description  The AEC-Q101 qualified SLD Series is packaged in a highly reliable industry standard P600 axial leaded package and is designed to provide precision overvoltage protection for sensitive electronics
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

SLD Datasheet(HTML) 2 Page - Littelfuse

  SLD Datasheet HTML 1Page - Littelfuse SLD Datasheet HTML 2Page - Littelfuse SLD Datasheet HTML 3Page - Littelfuse SLD Datasheet HTML 4Page - Littelfuse SLD Datasheet HTML 5Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
TVS Diodes
© 2016 Littelfuse, Inc.
Specifications are subject to change without notice.
Revised: 09/10/16
Axial Leaded – 2200W > SLD series
Electrical Characteristics (T
A=25°C unless otherwise noted)
Notes:
1. VBR measured after IT applied for 300µs, IT= square wave pulse or equivalent.
2. Surge current waveform per 10μs x 1000μs exponential wave and derated per Fig. 4.
3. All terms and symbols are consistent with ANSI/IEEE C62.35
Part
Number
(Uni)
Part
Number
(Bi)
Breakdown
Voltage V
BR @ IT
(V)
Test
Current
I
T
(mA)
Reverse
Stand off
Voltage V
R
(Volts)
Maximum
Reverse
Leakage @ V
R
I
R (µA)
Maximum
Peak Pulse
Current
I
pp (A)
Maximum
Clamping
Voltage @ I
PP
V
C (V)
Agency
Approval
MIN
MAX
SLD10U-017
SLD10-018
11.8
13.0
5.0
10
10
300.0
17.0
x
SLD11U-017
SLD11-018
12.2
13.5
5.0
11
10
280.2
18.2
x
SLD12U-017
SLD12-018
13.3
14.7
5.0
12
10
256.3
19.9
x
SLD13U-017
SLD13-018
14.4
15.9
5.0
13
10
237.2
21.5
x
SLD14U-017
SLD14-018
15.6
17.2
5.0
14
10
219.8
23.2
x
SLD15U-017
SLD15-018
16.7
18.5
5.0
15
10
209.0
24.4
x
SLD16U-017
SLD16-018
18.0
19.3
5.0
16
10
196.2
26.0
x
SLD17U-017
SLD17-018
18.9
20.9
5.0
17
10
184.8
27.6
x
SLD18U-017
SLD18-018
20.0
22.1
5.0
18
10
174.7
29.2
x
SLD20U-017
SLD20-018
22.2
24.5
5.0
20
10
157.4
32.4
x
SLD22U-017
SLD22-018
24.4
26.9
5.0
22
10
143.7
35.5
x
SLD24U-017
SLD24-018
26.7
29.5
5.0
24
10
131.1
38.9
x
SLD26U-017
SLD26-018
28.9
31.9
5.0
26
10
121.1
42.1
x
SLD28U-017
SLD28-018
31.1
34.4
5.0
28
10
112.3
45.4
x
SLD30U-017
SLD30-018
33.3
36.8
5.0
30
10
105.4
48.4
x
SLD33U-017
SLD33-018
36.7
40.6
5.0
33
10
95.7
53.3
x
SLD36U-017
SLD36-018
40.0
44.2
5.0
36
10
87.8
58.1
x
SLD40U-017
SLD40-018
44.4
49.1
5.0
40
10
79.1
64.5
x
SLD43U-017
SLD43-018
49.0
54.2
5.0
43
10
73.5
69.4
x
SLD45U-017
SLD45-018
50.0
55.3
5.0
45
10
70.2
72.7
x
SLD48U-017
SLD48-018
53.3
58.9
5.0
48
10
65.9
77.4
x
SLD51U-017
SLD51-018
56.7
62.7
5.0
51
10
61.9
82.4
x
SLD54U-017
SLD54-018
60.0
66.3
5.0
54
10
58.6
87.1
x
SLD58U-017
SLD58-018
64.4
71.2
5.0
58
10
54.5
93.6
x
SLD60U-017
SLD60-018
68.4
75.6
5.0
60
10
52.7
96.8
x
I-V Curve Characteristics
P
PPM Peak Pulse Power Dissipation -- Max power dissipation
V
R
Stand-off Voltage -- Maximum voltage that can be applied to the TVS without operation
V
BR
Breakdown Voltage -- Maximum voltage that flows though the TVS at a specified test current (I
T)
V
C
Clamping Voltage -- Peak voltage measured across the TVS at a specified Ippm (peak impulse current)
I
R
Reverse Leakage Current -- Current measured at V
R
V
F
Forward Voltage Drop for Uni-directional
Vc VBR VR
IR
IT
Ipp
V
Uni-directional
VF
Vc VBR VR
IR
IT
Ipp
V
Vc
VBR
VR
Ipp
IR
IT
Bi-directional



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com