Electronic Components Datasheet Search
  English  ▼

X  

SLD Datasheet(PDF) 4 Page - Littelfuse

Part # SLD
Description  The AEC-Q101 qualified SLD Series is packaged in a highly reliable industry standard P600 axial leaded package and is designed to provide precision overvoltage protection for sensitive electronics
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

SLD Datasheet(HTML) 4 Page - Littelfuse

  SLD Datasheet HTML 1Page - Littelfuse SLD Datasheet HTML 2Page - Littelfuse SLD Datasheet HTML 3Page - Littelfuse SLD Datasheet HTML 4Page - Littelfuse SLD Datasheet HTML 5Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
TVS Diodes
© 2016 Littelfuse, Inc.
Specifications are subject to change without notice.
Revised: 09/10/16
Axial Leaded – 2200W > SLD series
Physical Specifications
Weight
0.07oz., 2.1g
Case
P600 molded plastic body over passivated
junction.
Polarity
Color band denotes the cathode except
Bipolar.
Terminal
Matte Tin axial leads, solderable per
JESD22-B102.
Soldering Parameters
Flow/Wave Soldering (Solder Dipping)
Environmental Specifications
High Temp. Storage
JESD22-A103
HTRB
JESD22-A108
Temperature Cycling
JESD22-A104
H3TRB
JESD22-A101
RSH
JESD22-B106
0.5
1.0
1.5
2.0
2.5
3.0
65
70
75
80
85
Vs(volt)
ISO7637 5A 12V Test System
3.5
4.0
Td:400ms
SLD15U-017 & SLD15-018 load dump
Figure 7 - SOA Chart
1
2
3
4
5
6
7
123
133143
153
163
173
Vs(volt)
8
ISO7637 5A 24V Test System
SLD28U-017 load dump
Td:350ms
Peak Temperature :
260°C+5/-0°C
Dipping Time :
10s
±1 seconds
Soldering :
1 time



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com