Electronic Components Datasheet Search
  English  ▼

X  

MACH11SP Datasheet(PDF) 21 Page - List of Unclassifed Manufacturers

Part # MACH11SP
Description  High-Performance EE CMOS In-System Programmable Logic
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

MACH11SP Datasheet(HTML) 21 Page - List of Unclassifed Manufacturers

Back Button MACH11SP Datasheet HTML 17Page - List of Unclassifed Manufacturers MACH11SP Datasheet HTML 18Page - List of Unclassifed Manufacturers MACH11SP Datasheet HTML 19Page - List of Unclassifed Manufacturers MACH11SP Datasheet HTML 20Page - List of Unclassifed Manufacturers MACH11SP Datasheet HTML 21Page - List of Unclassifed Manufacturers MACH11SP Datasheet HTML 22Page - List of Unclassifed Manufacturers MACH11SP Datasheet HTML 23Page - List of Unclassifed Manufacturers MACH11SP Datasheet HTML 24Page - List of Unclassifed Manufacturers MACH11SP Datasheet HTML 25Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 33 page
background image
MACH211SP-7/10/12/15
21
V
ANTIS
SWITCHING WAVEFORMS
Notes:
1. VT = 1.5 V.
2. Input pulse amplitude 0 V to 3.0 V.
3. Input rise and fall times 2 ns–4 ns typical.
20405C-12
20405C-13
Clock Width
Gate Width
tWH
Clock
tWL
Gate
tGWL
VT
20405C-14
20405C-15
Registered Input
Input Register to Output Register Setup
VT
Combinatorial
Output
tSIR
tICO
VT
tHIR
VT
Input
Register
Clock
Registered
Input
VT
VT
VT
tICS
Output
Register
Clock
Input
Register
Clock
Registered
Input
20405C-16
Latched Input
Combinatorial
Output
Gate
tHIL
tSIL
tIGO
Latched
In
VT
VT
VT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com