Electronic Components Datasheet Search
  English  ▼

X  

MCP1630 Datasheet(PDF) 7 Page - Microchip Technology

Part # MCP1630
Description  High-Speed, Microcontroller-Adaptable, Pulse Width Modulator
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1630 Datasheet(HTML) 7 Page - Microchip Technology

Back Button MCP1630 Datasheet HTML 3Page - Microchip Technology MCP1630 Datasheet HTML 4Page - Microchip Technology MCP1630 Datasheet HTML 5Page - Microchip Technology MCP1630 Datasheet HTML 6Page - Microchip Technology MCP1630 Datasheet HTML 7Page - Microchip Technology MCP1630 Datasheet HTML 8Page - Microchip Technology MCP1630 Datasheet HTML 9Page - Microchip Technology MCP1630 Datasheet HTML 10Page - Microchip Technology MCP1630 Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
 2004 Microchip Technology Inc.
DS21896A-page 7
MCP1630
Note: Unless otherwise noted, VIN = 3.0V to 5.5V, FOSC = 1 MHz with 10% Duty Cycle, CIN = 0.1 µF, VIN for typical
values = 5.0V, TA = -40°C to +125°C.
FIGURE 2-7:
VEXT Rise Time vs. Input
Voltage.
FIGURE 2-8:
VEXT Fall Time vs. Input
Voltage.
FIGURE 2-9:
Current Sense to VEXT
Delay vs. Input Voltage.
FIGURE 2-10:
Current Sense Clamp
Voltage vs. Input Voltage.
FIGURE 2-11:
Undervoltage Lockout vs.
Temperature.
FIGURE 2-12:
EXT Output N-channel
RDSON vs. Input Voltage.
0
1
2
3
4
5
6
7
8
9
10
Input Voltage (V)
TA = - 40°C
TA = + 25°C
TA = + 125°C
CL = 100 pF
0
1
2
3
4
5
6
7
8
9
Input Voltage (V)
TA = - 40°C
TA = + 25°C
TA = + 125°C
CL = 100 pF
0
5
10
15
20
25
Input Voltage (V)
TA = - 40°C
TA = + 25°C
TA = + 125°C
0.895
0.896
0.897
0.898
0.899
0.9
Input Voltage (V)
TA = - 40°C
TA = + 25°C
TA = + 125°C
2.84
2.86
2.88
2.90
2.92
2.94
2.96
-40 -25 -10
5
20 35 50 65 80 95 110 125
Ambient Temperature (°C)
Turn On Threshold
Turn Off Threshold
0
2
4
6
8
10
12
Input Voltage (V)
TA = - 40°C
TA = + 25°C
TA = + 125°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com