Electronic Components Datasheet Search
  English  ▼

X  

MCP1630 Datasheet(PDF) 10 Page - Microchip Technology

Part # MCP1630
Description  High-Speed, Microcontroller-Adaptable, Pulse Width Modulator
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1630 Datasheet(HTML) 10 Page - Microchip Technology

Back Button MCP1630 Datasheet HTML 6Page - Microchip Technology MCP1630 Datasheet HTML 7Page - Microchip Technology MCP1630 Datasheet HTML 8Page - Microchip Technology MCP1630 Datasheet HTML 9Page - Microchip Technology MCP1630 Datasheet HTML 10Page - Microchip Technology MCP1630 Datasheet HTML 11Page - Microchip Technology MCP1630 Datasheet HTML 12Page - Microchip Technology MCP1630 Datasheet HTML 13Page - Microchip Technology MCP1630 Datasheet HTML 14Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
MCP1630
DS21896A-page 10
 2004 Microchip Technology Inc.
4.0
DETAILED DESCRIPTION
4.1
Device Overview
The MCP1630 is comprised of a high-speed compara-
tor, high-bandwidth amplifier and logic gates that can
be combined with a PICmicro microcontroller to
develop an advanced programmable power supply.
The oscillator input and reference voltage input are
generated by the PICmicro microcontroller so that
switching frequency, maximum duty cycle and output
voltage are programmable. Refer to Figure 4-1.
4.2
PWM
The VEXT output of the MCP1630 is determined by the
output level of the internal high-speed comparator and
the level of the external oscillator. When the oscillator
level is high, the PWM (VEXT) output is forced low.
When the external oscillator is low, the PWM output is
determined by the output level of the internal high-
speed comparator. During UVLO, the VEXT pin is held
in the low state. During overtemperature operation, the
VEXT pin is high-impedance (100 kΩ to ground).
4.3
Normal Cycle by Cycle Control (peak
current mode)
The beginning of a cycle is defined when OSC IN tran-
sitions from a high state to a low state. For normal oper-
ation, the state of the high-speed comparator output
(R) is low and the Q output of the latch is low. On the
OSC IN high-to-low transition, the S and R inputs to the
high-speed latch are both low and the Q output will
remain unchanged (low). The output of the OR gate
(VDRIVE) will transition from a high state to a low state,
turning on the internal P-channel drive transistor in the
output stage of the PWM. This will change the PWM
output (VEXT) from a low state to a high state, turning
on the power-train external switch and ramping current
in the power-train magnetic device.
The sensed current in the magnetic device is fed into
the CS input, shown as a ramp and increases linearly.
Once the sensed current ramp reaches the same volt-
age level as 1/3 of the EA output, the comparator
output (R) changes state (low to high) and resets the
PWM latch. The Q output transitions from a low state to
a high state, turning on the N-channel MOSFET in the
output stage which turns off the VEXT drive to the exter-
nal MOSFET driver terminating the duty cycle. The
OSC IN will transition from a low state to a high state
while the VEXT pin remains unchanged. If the CS input
ramp had never reached the same level as 1/3 of the
error amplifier output, the low-to-high transition on OSC
IN would terminate the duty cycle and this would be
considered maximum duty cycle. In either case, while
OSC IN is high, the VEXT drive pin is low, turning off the
external power-train switch. The next cycle will start on
the transition of the OSC IN pin from a high state to a
low state.
4.4
Error Amp / Comparator Current Limit
Function
The internal amplifier is used to create an error output
signal that is determined by the external VREF input and
the power supply output fed back into the FB pin. The
error amplifier output is rail-to-rail and clamped by a
precision 2.7V. The output of the error amplifier is then
divided down 3:1 and connected to the inverting input
of the high-speed comparator. Since the maximum
output of the error amplifier is 2.7V, the maximum input
to the inverting pin of the high-speed comparator is
0.9V. This sets the peak current limit for the switching
power supply.
As the output load current demand increases, the error
amplifier output increases, causing the inverting input
pin
of
the
high-speed comparator
to increase.
Eventually, the output of the error amplifier will hit the
2.7V clamp, limiting the input of the high-speed com-
parator to 0.9V, maximum. Even if the FB input contin-
ues to decrease (calling for more current), the inverting
input is limited to 0.9V. By limiting the inverting input to
0.9V, the current-sense input (CS) is limited to 0.9V,
thus limiting the output current of the power supply.
4.5
0% Duty Cycle Operation
The duty cycle of the VEXT output is capable of reach-
ing 0% when the FB pin is held higher than the VREF pin
(inverting error amplifier). This is accomplished by the
rail-to-rail output capability of the error amplifier and the
offset voltage of the high-speed comparator. The mini-
mum error amplifier output voltage, divided by three, is
less than the offset voltage of the high-speed compar-
ator. In the case where the output voltage of the con-
verter is above the desired regulation point, the FB
input will be above the VREF input and the error ampli-
fier will be pulled to the bottom rail (GND). This low
voltage is divided down 3:1 by the 2R and 1R resistor
and connected to the input of the high-speed compara-
tor. This voltage will be low enough so that there is no
triggering of the comparator, allowing narrow pulse
widths at VEXT.
4.6
Undervoltage Lockout
When the input voltage (VIN) is < the UVLO threshold,
the VEXT is held in the low-impedance state. This will
ensure that, if the voltage is not adequate to operate
the MCP1630, the main power supply switch will be
held in the off state. When the UVLO threshold is
exceeded, there is some hysteresis in the input voltage
prior to the UVLO off threshold being reached. The
typical hysteresis is 75 mV. Typically, the MCP1630 will
not start operating until the input voltage at VIN is
between 3.0V and 3.1V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com