Electronic Components Datasheet Search
  English  ▼

X  

ECP050G Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # ECP050G
Description  1/2 Watt, High Linearity InGaP HBT Amplifier
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

ECP050G Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  ECP050G Datasheet HTML 1Page - List of Unclassifed Manufacturers ECP050G Datasheet HTML 2Page - List of Unclassifed Manufacturers ECP050G Datasheet HTML 3Page - List of Unclassifed Manufacturers ECP050G Datasheet HTML 4Page - List of Unclassifed Manufacturers ECP050G Datasheet HTML 5Page - List of Unclassifed Manufacturers ECP050G Datasheet HTML 6Page - List of Unclassifed Manufacturers ECP050G Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Specifications and information are subject to change without notice
WJ Communications, Inc
Phone 1-800-WJ1-4401 FAX: 408-577-6621
e-mail: sales@wj.com
Web site: www.wj.com
Page 2 of 7
May 2005
The Communications Edge TM
AH115 / ECP050G
½ Watt, High Linearity InGaP HBT Amplifier
Product Information
Typical Device Data
S-Parameters (Vcc = +5 V, Icc = 250 mA, T = 25 C, unmatched 50 ohm system)
0
0.5
1
1.5
2
2.5
Frequency (GHz)
Gain and Maximum Stable Gain
0
5
10
15
20
25
30
35
DB(GMax)
DB(|S[2,1]|)
10.0
5.0
3.
0
4.
0
-0.
2
-0
.4
S11
Swp Max
5.05GHz
Swp Min
0.05GHz
10.0
5.0
3.
0
4.
0
-0.
2
-0
.4
S22
Swp Max
5.05GHz
Swp Min
0.05GHz
Notes:
The gain for the unmatched device in 50 ohm system is shown as the trace in black color. For a tuned circuit for a particular frequency,
it is expected that actual gain will be higher, up to the maximum stable gain. The maximum stable gain is shown in the dashed red line.
The return loss plots are shown from 50 – 5050 MHz, with markers placed at 0.5 – 5.05 GHz in 0.5 GHz increments.
S-Parameters (Vcc = +5 V, Icc = 250 mA, T = 25 C, unmatched 50 ohm system, calibrated to device leads)
Freq (MHz)
S11 (dB)
S11 (ang)
S21 (dB)
S21 (ang)
S12 (dB)
S12 (ang)
S22 (dB)
S22 (ang)
50
-2.11
-172.90
25.10
133.84
-36.03
31.44
-2.06
-105.55
100
-1.59
-178.94
21.15
126.67
-35.22
15.04
-2.73
-138.75
200
-1.51
173.71
17.75
124.19
-34.29
7.30
-2.80
-160.44
400
-1.45
163.84
15.23
111.50
-34.45
-2.16
-2.73
-174.00
600
-1.58
153.68
13.69
98.94
-33.58
-2.99
-1.96
-179.13
800
-1.78
144.31
12.77
84.57
-32.84
-12.80
-1.68
172.00
1000
-1.96
134.21
11.94
69.70
-32.77
-18.76
-1.85
166.98
1200
-2.46
123.44
11.36
55.57
-31.79
-30.73
-2.14
164.05
1400
-3.30
111.21
11.17
40.93
-31.12
-45.14
-2.30
163.07
1600
-4.70
92.57
11.39
22.80
-30.30
-61.92
-2.52
164.84
1800
-8.15
78.58
11.64
1.64
-29.47
-83.99
-2.43
164.25
2000
-19.01
93.29
11.51
-25.24
-29.31
-112.79
-1.84
162.38
2200
-9.59
177.56
10.35
-55.97
-30.51
-150.45
-1.22
155.68
2400
-4.09
159.30
7.87
-83.78
-32.59
177.62
-1.06
147.58
2600
-1.99
141.65
4.95
-105.90
-33.96
137.14
-1.07
139.74
2800
-1.12
127.57
1.97
-122.86
-34.68
109.27
-1.19
132.15
3000
-0.72
116.11
-0.88
-136.93
-35.64
81.83
-1.44
125.05
Application Circuit PC Board Layout
Circuit Board Material: .014” Getek, 4 - layer, 1 oz copper, Microstrip line details: width = .026”, spacing = .026”
The silk screen markers ‘A’, ‘B’, ‘C’, etc. and ‘1’, ‘2’, ‘3’, etc. are used as placemarkers for the input and output tuning
shunt capacitors – C8 and C9. The markers and vias are spaced in .050” increments.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com