Electronic Components Datasheet Search
  English  ▼

X  

ECP050G Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # ECP050G
Description  1/2 Watt, High Linearity InGaP HBT Amplifier
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

ECP050G Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  ECP050G Datasheet HTML 1Page - List of Unclassifed Manufacturers ECP050G Datasheet HTML 2Page - List of Unclassifed Manufacturers ECP050G Datasheet HTML 3Page - List of Unclassifed Manufacturers ECP050G Datasheet HTML 4Page - List of Unclassifed Manufacturers ECP050G Datasheet HTML 5Page - List of Unclassifed Manufacturers ECP050G Datasheet HTML 6Page - List of Unclassifed Manufacturers ECP050G Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Specifications and information are subject to change without notice
WJ Communications, Inc
Phone 1-800-WJ1-4401 FAX: 408-577-6621
e-mail: sales@wj.com
Web site: www.wj.com
Page 3 of 7
May 2005
The Communications Edge TM
AH115 / ECP050G
½ Watt, High Linearity InGaP HBT Amplifier
Product Information
1960 MHz Application Circuit (AH115-S8PCB1960)
Typical RF Performance at 25
qC
CAP
ID=C1
C=22 pF
CAP
ID=C6
C=10 pF
CAP
ID=C7
C=1000 pF
CAP
ID=C3
C=100 pF
IND
ID=L1
L=18 nH
CAP
ID=C2
C=22 pF
RES
ID=R3
R=51 Ohm
CAP
ID=C5
C=1000 pF
RES
ID=R1
R=100 Ohm
RES
ID=R2
R=22 Ohm
CAP
ID=C4
C=10000000 pF
CAP
ID=C9
C=2.0 pF
TLINP
ID=FR-1
Z0=50 Ohm
L=210 mil
Eeff=3.16
Loss=0
F0=0 MHz
TLINP
ID=FR-2
Z0=50 Ohm
L=25 mil
Eeff=3.16
Loss=0
F0=0 MHz
RES
ID=R4
R=0 Ohm
CAP
ID=C8
C=.8 pF
1
2
3
4
5
6
7
8
SUBCKT
NET="AH115"
PORT
P=1
Z=50 Ohm
PORT
P=2
Z=50 Ohm
Vcc = +5 V
D1 = +5.6 V
C8 is placed at silkscreen marker ‘A’ or center of component placed at 1.8 deg. @ 1960 MHz
away from pin 3. C9 is placed at the silkscreen marker ‘4’ or center of component placed at 20
deg. @1960 MHz away from pin 6.
S21 vs. Frequency
6
8
10
12
14
16
1930
1940
1950
1960
1970
1980
1990
Frequency (MHz)
+25°C
+85°C
-40°C
S11 vs. Freqency
-25
-20
-15
-10
-5
0
1930
1940
1950
1960
1970
1980
1990
Frequency (MHz)
+25°C
85°C
-40°C
S22 vs. Frequency
-25
-20
-15
-10
-5
0
1930
1940
1950
1960 1970 1980 1990
Frequency (MHz)
+25°C
+85°C
-40°C
Noise Figure vs. Frequency
0
1
2
3
4
5
6
7
1930
1940
1950
1960
1970
1980
1990
Frequency (MHz)
+25°C
+85°C
-40°C
P1 dB vs. Frequency
24
25
26
27
28
29
30
1930
1940
1950
1960
1970
1980
1990
Frequency (MHz)
+25°C
+85°C
-40°C
ACPR vs. Channel Power
IS-95, 9 ch,Fwd, ±885 KHz offset, 30 KHz Meas BW, 1960 MHz
-70
-65
-60
-55
-50
-45
-40
15 16 17 18 19 20 21 22 23 24
Output Channel Power (dBm)
+25°C
+85°C
-40°C
OIP3 vs. Output Power
freq=1960, 1961 MHz,+ 25°C
36
38
40
42
44
46
8
10
12
14
16
18
20
Output Power (dBm)
OIP3 vs. Frequency
+25°C, +11 dBm / tone
36
38
40
42
44
46
1930
1940
1950
1960
1970
1980
1990
Frequency (MHz)
OIP3 vs. Temperature
freq=1960,1961 MHz, +11 dBm / tone
36
38
40
42
44
46
-40
-15
10
35
60
85
Temperature (°C)
Frequency
1960 MHz
S21 – Gain
14.3 dB
S11 – Input Return Loss
-12 dB
S22 – Output Return Loss
-8 dB
Output P1dB
+28.3 dBm
Output IP3
(+11 dBm / tone, 1 MHz spacing)
+44 dBm
Channel Power
(@-45 dBc ACPR, IS-95 9 channels fwd)
+22.5 dBm
Noise Figure
5 dB
Device / Supply Voltage
+5 V
Quiescent Current
250 mA



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com