Electronic Components Datasheet Search
  English  ▼

X  

MM74C95 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # MM74C95
Description  4-Bit Right-Shift Left-Shift Register
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

MM74C95 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  MM74C95 Datasheet HTML 1Page - National Semiconductor (TI) MM74C95 Datasheet HTML 2Page - National Semiconductor (TI) MM74C95 Datasheet HTML 3Page - National Semiconductor (TI) MM74C95 Datasheet HTML 4Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
TLF5890
February 1988
MM54C95MM74C95
4-Bit Right-Shift Left-Shift Register
General Description
This 4-bit shift register is a monolithic complementary MOS
(CMOS) integrated circuit composed of four D flip-flops
This register will perform right-shift or left-shift operations
dependent upon the logical input level to the mode control
A number of these registers may be connected in series to
form an N-bit right-shift or left-shift register
When a logical ‘‘0’’ level is applied to the mode control in-
put the output of each flip-flop is coupled to the D input of
the succeeding flip flop Right-shift operation is performed
by clocking at the clock 1 input and serial data entered at
the serial input clock 2 and parallel inputs A through D are
inhibited With a logical ‘‘1’’ level applied to the mode con-
trol outputs to succeeding stages are decoupled and paral-
lel loading is possible or with external interconnection shift-
left operation can be accomplished by connecting the out-
put of each flip-flop to the parallel input of the previous
flip-flop and serial data is entered at input D
Features
Y
Medium speed operation
10 MHz (typ)
VCC e 10V CL e 50 pF
Y
High noise immunity
045 VCC (typ)
Y
Low power
100 nW(typ)
Y
Tenth power TTL compatible
Drive 2 LTTL loads
Y
Wide supply voltage range
3V to 15V
Y
Synchronous parallel load
Y
Parallel inputs and outputs from each flip-flop
Y
Negative edge triggered clocking
Y
The
MM54C95MM74C95
follows
the
MM54L95
MM74L95 Pinout
Applications
Y
Data terminals
Y
Instrumentation
Y
Automotive
Y
Medical electronics
Y
Alarm systems
Y
Remote metering
Y
Industrial electronics
Y
Computers
Block and Connection Diagrams
TLF5890 – 1
Dual-In-Line Package
TLF5890 – 4
Order Number MM54C95 or MM74C95
TLF5890 – 2
TLF5890 – 3
Mode Control e 0 for Right Shift
Mode Control e 1 for Left Shift or Parallel Load
C1995 National Semiconductor Corporation
RRD-B30M105Printed in U S A


Similar Part No. - MM74C95

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MM74C90 FAIRCHILD-MM74C90 Datasheet
54Kb / 6P
4-Bit Binary Counter
logo
Texas Instruments
MM74C90 TI1-MM74C90 Datasheet
374Kb / 8P
4-Bit Binary Counter
logo
National Semiconductor ...
MM74C901 NSC-MM74C901 Datasheet
136Kb / 6P
Hex Inverting TTL, Non-Inverting TTL, Inverting CMOS, Non-Inverting CMOS Buffer
logo
Fairchild Semiconductor
MM74C901 FAIRCHILD-MM74C901 Datasheet
69Kb / 6P
Hex Inverting TTL Buffer . Hex Non-Inverting TTL Buffer
MM74C901M FAIRCHILD-MM74C901M Datasheet
69Kb / 6P
Hex Inverting TTL Buffer . Hex Non-Inverting TTL Buffer
More results

Similar Description - MM74C95

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
SN54LS195A MOTOROLA-SN54LS195A Datasheet
220Kb / 6P
UNIVERSAL 4-BIT SHIFT REGISTER
SN54LS95B MOTOROLA-SN54LS95B Datasheet
200Kb / 6P
4-BIT SHIFT REGISTER
logo
National Semiconductor ...
93L00 NSC-93L00 Datasheet
113Kb / 8P
4-Bit Universal Shift Register
logo
NXP Semiconductors
HEF40195B PHILIPS-HEF40195B Datasheet
77Kb / 8P
4-bit universal shift register
January 1995
logo
List of Unclassifed Man...
74178 ETC1-74178 Datasheet
92Kb / 2P
4-BIT SHIFT REGISTER
logo
National Semiconductor ...
54LS95B NSC-54LS95B Datasheet
111Kb / 5P
4-BIR RIGHT/LEFT SHIFT REGISTER
logo
List of Unclassifed Man...
4035B ETC1-4035B Datasheet
149Kb / 3P
4-BIT UNIVERSAL SHIFT REGISTER
logo
Texas Instruments
SN54L99 TI-SN54L99 Datasheet
233Kb / 5P
4-BIT RIGHT-SHIFT LEFT-SHIFT REGISTERS
logo
Motorola, Inc
MC1694 MOTOROLA-MC1694 Datasheet
520Kb / 7P
4-BIT SHIFT REGISTER
logo
National Semiconductor ...
MM54HC195 NSC-MM54HC195 Datasheet
171Kb / 6P
4-Bit Parallel Shift Register
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com