Electronic Components Datasheet Search
  English  ▼

X  

CLC261 Datasheet(PDF) 3 Page - CITIZEN ELECTRONICS CO., LTD.

Part # CLC261
Description  AC Series does not require AC/DC converters associated with other standard COB types
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CITIZEN [CITIZEN ELECTRONICS CO., LTD.]
Direct Link  http://ce.citizen.co.jp/e/index.html
Logo CITIZEN - CITIZEN ELECTRONICS CO., LTD.

CLC261 Datasheet(HTML) 3 Page - CITIZEN ELECTRONICS CO., LTD.

  CLC261 Datasheet HTML 1Page - CITIZEN ELECTRONICS CO., LTD. CLC261 Datasheet HTML 2Page - CITIZEN ELECTRONICS CO., LTD. CLC261 Datasheet HTML 3Page - CITIZEN ELECTRONICS CO., LTD. CLC261 Datasheet HTML 4Page - CITIZEN ELECTRONICS CO., LTD. CLC261 Datasheet HTML 5Page - CITIZEN ELECTRONICS CO., LTD. CLC261 Datasheet HTML 6Page - CITIZEN ELECTRONICS CO., LTD. CLC261 Datasheet HTML 7Page - CITIZEN ELECTRONICS CO., LTD. CLC261 Datasheet HTML 8Page - CITIZEN ELECTRONICS CO., LTD. CLC261 Datasheet HTML 9Page - CITIZEN ELECTRONICS CO., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
Ref.CE-P3410 12/04
2. Performance Characteristics
2-1. Electro Optical Characteristics
2-2. Absolute Maximum Ratings
3
Symbol
Rating
Unit
Vop
264.0
V[RMS]
Pd
28.7
W
Top
-
30 ~ +60
C
Tst
-
40 ~ +100
C
Tc
80
C
*1
Tj
140
C
*2
Viso[RMS]
1.5
kV
*1. Refer to 3. Mechanical Dimensions for Tc measurement point.
*2. Tj = Tc + Rj-c × Pd
Junction Temperature
Insulation Voltage
Case Temperature
Parameter
Input Voltage
Power Dissipation
Operating Temperature
Storage Temperature
( Vop=230V[RMS], Tc=65C )
Min. Typ.
Min.
Typ.
Max.
Min.
Typ.
Max.
Min.
Typ.
CLC261-25280273M1-B009Z
2700K
80
-
2,227
2,620
-
-
25.4
27.2
0.95
-
2.1
CLC261-25280303M1-B010Z
3000K
80
-
2,380
2,800
-
-
25.4
27.2
0.95
-
2.1
CLC261-25280403M1-B011Z
4000K
80
-
2,535
2,982
-
-
25.4
27.2
0.95
-
2.1
CLC261-25280503M1-B012Z
5000K
80
-
2,570
3,024
-
-
25.4
27.2
0.95
-
2.1
Notes :
1. The tolerance of measurement at our tester is Luminous flux +/-10%, Chromaticity ( x, y ) +/-0.005 and Ra +/-1.
Product code
Power Dissipation
( W )
Thermal
Resistance
Rj-c
( C/W )
CRI (Ra)
Nominal
CCT
Luminous flux
( lm )
Power Factor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com