Electronic Components Datasheet Search
  English  ▼

X  

CLC261 Datasheet(PDF) 10 Page - CITIZEN ELECTRONICS CO., LTD.

Part # CLC261
Description  AC Series does not require AC/DC converters associated with other standard COB types
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CITIZEN [CITIZEN ELECTRONICS CO., LTD.]
Direct Link  http://ce.citizen.co.jp/e/index.html
Logo CITIZEN - CITIZEN ELECTRONICS CO., LTD.

CLC261 Datasheet(HTML) 10 Page - CITIZEN ELECTRONICS CO., LTD.

Back Button CLC261 Datasheet HTML 6Page - CITIZEN ELECTRONICS CO., LTD. CLC261 Datasheet HTML 7Page - CITIZEN ELECTRONICS CO., LTD. CLC261 Datasheet HTML 8Page - CITIZEN ELECTRONICS CO., LTD. CLC261 Datasheet HTML 9Page - CITIZEN ELECTRONICS CO., LTD. CLC261 Datasheet HTML 10Page - CITIZEN ELECTRONICS CO., LTD. CLC261 Datasheet HTML 11Page - CITIZEN ELECTRONICS CO., LTD. CLC261 Datasheet HTML 12Page - CITIZEN ELECTRONICS CO., LTD. CLC261 Datasheet HTML 13Page - CITIZEN ELECTRONICS CO., LTD. CLC261 Datasheet HTML 14Page - CITIZEN ELECTRONICS CO., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
Ref.CE-P3410 12/04
6. Packing Specification
6-1. Packing
10
CUSTOMER
TYPE
P.NO
Lot No
Q'ty
: CLC***-******-*******
: ******
: *******
: ***
--- ( 1 )
--- ( 2 )
--- ( 3 )
--- ( 4 )
An empty tray is placed on top of a 6-tier tray which contain 30 pieces each.
(Smallest packing unit: 180 pieces)
A label with product name, quantity and lot number is placed on the upper empty tray.
Tray (Dimensions: 310 x 210 x 12 mm / Materials: Electrically conductive PS)
1 5 4 5 0 0 1
(2)
(1)
(3)
Example of indication label
1. TYPE
e.g. CLC261
2. P.No. ( Cutomer's P/N )
3. Lot No.
e.g.
4. Quantity
(1) Last digit of the year
16 : year 2016
(2) Production month
4 : April
Note: October, November and December are designated X,Y and Z.
(3) CE's control number



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com