Electronic Components Datasheet Search
  English  ▼

X  

HMOV Datasheet(PDF) 3 Page - Littelfuse

Part # HMOV
Description  The HMOVTM Varistor Series is specifically designed for applications requiring high surge energy absorption and high operating temperature of 125째C
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

HMOV Datasheet(HTML) 3 Page - Littelfuse

  HMOV Datasheet HTML 1Page - Littelfuse HMOV Datasheet HTML 2Page - Littelfuse HMOV Datasheet HTML 3Page - Littelfuse HMOV Datasheet HTML 4Page - Littelfuse HMOV Datasheet HTML 5Page - Littelfuse HMOV Datasheet HTML 6Page - Littelfuse HMOV Datasheet HTML 7Page - Littelfuse HMOV Datasheet HTML 8Page - Littelfuse HMOV Datasheet HTML 9Page - Littelfuse Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
© 2017 Littelfuse, Inc.
Specifications are subject to change without notice.
Revised: 09/14/17
Metal-Oxide Varistors (MOVs)
Radial Leaded Varistors > HMOV® Varistor Series
Note: 1. Average power dissipation of transients not to exceed 0.4W, 0.6W or 1W for model sizes 10mm, 14mm, and 20mm respectively..
HMOVTM Series Device Ratings and Specifications
Maximum Rating (125°C)
Specifications (25°C)
Silicone Coated
Models
Size
Disc
Dia.
(mm)
Max Continuous
Voltage
Max Peak Current
(8/20μs)
Energy
Rating
(2ms, 1
pulse)
Varistor
Voltage
at 1mA
Maximum
Clamping Voltage
(8 x 20μs)
Typical
Capacitance f =
1MHz
V
M(AC) RMS
V
M(DC)
I
TM
1 x Pulse
I
TM
2 x Pulses
W
TM
V
NOM
Min
V
NOM
Max
V
C
I
PK
C
Part Number
(Base part)
Branding
(V)
(V)
(A)
(A)
(J)
(V)
(V)
(V)
(A)
(pF)
V14H140P
P14H140
14
140
180
6500
5000
65
198
242
360
50
900
V20H140P
P20H140
20
140
180
10000
7000
155
198
242
360
100
1750
V10H150P
P10H150
10
150
200
3500
3000
50
216
264
395
25
360
V14H150P
P14H150
14
150
200
6500
5000
70
216
264
395
50
800
V20H150P
P20H150
20
150
200
10000
7000
165
216
264
395
100
1600
V10H175P
P10H175
10
175
225
3500
3000
55
243
297
455
25
350
V14H175P
P14H175
14
175
225
6500
5000
80
243
297
455
50
700
V20H175P
P20H175
20
175
225
10000
7000
180
243
297
455
100
1400
V10H230P
P10H230
10
230
300
3500
3000
60
324
396
595
25
250
V14H230P
P14H230
14
230
300
6500
5000
105
324
396
595
50
550
V20H230P
P20H230
20
230
300
10000
7000
225
324
396
595
100
1100
V10H250P
P10H250
10
250
320
3500
3000
65
351
429
650
25
220
V14H250P
P14H250
14
250
320
6500
5000
115
351
429
650
50
500
V20H250P
P20H250
20
250
320
10000
7000
240
351
429
650
100
1000
V10H275P
P10H275
10
275
350
3500
3000
70
387
473
710
25
200
V14H275P
P14H275
14
275
350
6500
5000
130
387
473
710
50
450
V20H275P
P20H275
20
275
350
10000
7000
260
387
473
710
100
900
V10H300P
P10H300
10
300
385
3500
3000
75
423
517
775
25
180
V14H300P
P14H300
14
300
385
6500
5000
140
423
517
775
50
400
V20H300P
P20H300
20
300
385
10000
7000
290
423
517
775
100
800
V10H320P
P10H320
10
320
420
3500
3000
80
459
561
840
25
170
V14H320P
P14H320
14
320
420
6500
5000
150
459
561
840
50
380
V20H320P
P20H320
20
320
420
10000
7000
320
459
561
840
100
750
V10H385P
P10H385
10
385
505
3500
3000
85
558
682
1025
25
160
V14H385P
P14H385
14
385
505
6500
5000
175
558
682
1025
50
360
V20H385P
P20H385
20
385
505
10000
7000
325
558
682
1025
100
700
V10H420P
P10H420
10
420
560
3500
3000
90
612
748
1120
25
140
V14H420P
P14H420
14
420
560
6500
5000
185
612
748
1120
50
300
V20H420P
P20H420
20
420
560
10000
7000
330
612
748
1120
100
600
V10H440P
P10H440
10
440
585
3500
3000
95
643.5
786.5
1180
25
130
V14H440P
P14H440
14
440
585
6500
5000
185
643.5
786.5
1180
50
260
V20H440P
P20H440
20
440
585
10000
7000
340
643.5
786.5
1180
100
500
V10H460P
P10H460
10
460
615
3500
3000
95
675
825
1240
25
120
V14H460P
P14H460
14
460
615
6500
5000
190
675
825
1240
50
220
V20H460P
P20H460
20
460
615
10000
7000
370
675
825
1240
100
400
V10H510P
P10H510
10
510
670
3500
3000
98
738
902
1355
25
110
V14H510P
P14H510
14
510
670
6500
5000
205
738
902
1355
50
200
V20H510P
P20H510
20
510
670
10000
7000
410
738
902
1355
100
350
V10H550P
P10H550
10
550
745
3500
3000
98
819
1001
1500
25
100
V14H550P
P14H550
14
550
745
6500
5000
210
819
1001
1500
50
180
V20H550P
P20H550
20
550
745
10000
7000
450
819
1001
1500
100
300
V10H625P
P10H625
10
625
825
3500
3000
110
900
1100
1650
25
90
V14H625P
P14H625
14
625
825
6500
5000
235
900
1100
1650
50
160
V20H625P
P20H625
20
625
825
10000
7000
490
900
1100
1650
100
250



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com