Electronic Components Datasheet Search
  English  ▼

X  

HMOV Datasheet(PDF) 1 Page - Littelfuse

Part # HMOV
Description  The HMOVTM Varistor Series is specifically designed for applications requiring high surge energy absorption and high operating temperature of 125째C
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

HMOV Datasheet(HTML) 1 Page - Littelfuse

  HMOV Datasheet HTML 1Page - Littelfuse HMOV Datasheet HTML 2Page - Littelfuse HMOV Datasheet HTML 3Page - Littelfuse HMOV Datasheet HTML 4Page - Littelfuse HMOV Datasheet HTML 5Page - Littelfuse HMOV Datasheet HTML 6Page - Littelfuse HMOV Datasheet HTML 7Page - Littelfuse HMOV Datasheet HTML 8Page - Littelfuse HMOV Datasheet HTML 9Page - Littelfuse Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
© 2017 Littelfuse, Inc.
Specifications are subject to change without notice.
Revised: 09/14/17
Metal-Oxide Varistors (MOVs)
Radial Leaded Varistors > HMOV® Varistor Series
Description
Features
Agency Approvals
Absolute Maximum Ratings
• See Device Ratings and Specifications chart for ratings of individual members of a series.
Agency
Agency Approval
Agency File Number
UL1449
E320116
IEC 60950-1(Annex Q)
IECQ CS 042200 GB 0001
IECQ-C BSI 15.0013
E1291/F
CAUTION: Stresses above those listed in "Absolute Maximum Ratings" may cause permanent damage to the device. This is a stress only rating and operation of
the device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
HMOVTM Varistor Series
RoHS
Low Voltage Series
Units
Continous:
Steady State Applied Voltage:
AC Voltage Range (V
M(AC)RMS)
11 to 625
V
DC Voltage Range (V
M(DC))
14 to 825
V
Transient:
Non-Repetitive Surge Current, 8/20µs Waveform (I
TM)
800 to 10,000
A
Non-Repetitive Energy Capability, 2ms Waveform (W
TM)
0.8 to 150
J
Operating Ambient Temperature Range (T
A)
-55 to +125
°C
Storage Temperature Range (T
STG)
-55 to +150
°C
Temperature Coefficient (αV) of Clamping Voltage (V
C) at Specified Test Current
< 0.01%
°C
Hi-Pot Encapsulation (Isolation Voltage Capability)
2500
V
Silicone Coating Insulation Resistance
>1,000
MΩ
• High operating
temperature combined
with high isolation voltage
capability: 125°C and
2500V, respectively
• High surge current
withstanding capability up
to 10kA (8/20µs pulse)
• Complies with
1000 cycle, -55°C
to 125°C, Thermal
Shock Cycling Test
• Wide operating
voltage range
• Three disc sizes available:
10mm, 14mm, and 20mm
• Lead-free, Halogen-free,
and RoHS compliant
Applications
• LED lighting
• Security System (fire
alarm or smoke detector)
• Solar Power Inverter
• Automation control
• Power Supply Unit
(outdoor and industrial)
The HMOVTM Varistor Series is specifically designed for
applications requiring high surge energy absorption and high
operating temperature of 125°C.
The maximum peak surge current is rated up to 10kA
(8/20µs pulse) to protect against indirect lightning strikes,
switching surge transients, and abnormally fast transients.
Additional Information
Datasheet
Samples
Resources


Similar Part No. - HMOV

ManufacturerPart #DatasheetDescription
logo
JL World Company Limite...
HMO0403A-65 JLWORLD-HMO0403A-65 Datasheet
37Kb / 1P
Microphones
HMO0503A-65 JLWORLD-HMO0503A-65 Datasheet
475Kb / 1P
Microphones
HMO0602P-67 JLWORLD-HMO0602P-67 Datasheet
39Kb / 1P
Microphones
HMO0603B-60 JLWORLD-HMO0603B-60 Datasheet
39Kb / 1P
Microphones
HMO0603B-60 JLWORLD-HMO0603B-60 Datasheet
1Mb / 1P
Different sensitivity level is available upon request
More results

Similar Description - HMOV

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
7343-2USRC ETC1-7343-2USRC Datasheet
87Kb / 5P
The series is specially designed for applications requiring higher brightness.
logo
E-Tech Electronics LTD
G2N5401 ETL-G2N5401 Datasheet
149Kb / 3P
The G2N5401 is designed for general purpose applications requiring high breakdown voltages.
logo
TE Connectivity Ltd
U7100 TEC-U7100 Datasheet
321Kb / 7P
Designed specifically for high volume applications
logo
International Rectifier
IRDC3065 IRF-IRDC3065 Datasheet
540Kb / 6P
The IRU3065 controller is designed to provide solutions for the applications requiring low power on board switching regulators. The IRU3065 is specifically
logo
Littelfuse
SMAJ LITTELFUSE-SMAJ Datasheet
991Kb / 6P
The SMAJ series is designed specifically to protect
C-III LITTELFUSE-C-III Datasheet
1Mb / 10P
The C-III Varistor Series of Metal-Oxide Varistors are specifically designed for applications requiring high
SRUK208X LITTELFUSE-SRUK208X Datasheet
1Mb / 7P
The SRUK208x SCR series is specifically designed for high voltage capacitor discharge application
TPSMB LITTELFUSE-TPSMB Datasheet
982Kb / 6P
The TPSMB series is designed specifically to protect
ULTRAMOV LITTELFUSE-ULTRAMOV Datasheet
1Mb / 11P
The UltraMOV짰 Metal Oxide Varistor Series is designed for applications requiring high peak surge current ratings
logo
Murata Manufacturing Co...
VFS9VD31B223Q91 MURATA1-VFS9VD31B223Q91_V01 Datasheet
346Kb / 3P
VFS9V series is designed for surge protection of the power supply.
08/24/2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com