Electronic Components Datasheet Search
  English  ▼

X  

LP3992 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LP3992
Description  Micropower 1.5V CMOS Voltage Regulator with Shutdown Control
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP3992 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  LP3992 Datasheet HTML 1Page - National Semiconductor (TI) LP3992 Datasheet HTML 2Page - National Semiconductor (TI) LP3992 Datasheet HTML 3Page - National Semiconductor (TI) LP3992 Datasheet HTML 4Page - National Semiconductor (TI) LP3992 Datasheet HTML 5Page - National Semiconductor (TI) LP3992 Datasheet HTML 6Page - National Semiconductor (TI) LP3992 Datasheet HTML 7Page - National Semiconductor (TI) LP3992 Datasheet HTML 8Page - National Semiconductor (TI) LP3992 Datasheet HTML 9Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Absolute Maximum Ratings
(Notes 1, 2)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
Input Voltage
-0.3 to 6.5V
Output Voltage
-0.3 to (V
IN + 0.3V) to
6.5V (max)
Shutdown Input Voltage
-0.3 to 6.5V
Junction Temperature
150˚C
Lead Temp. (Note 3)
260˚C
Storage Temperature
-65 to 150˚C
Thermal Resistance (Note 4)
θ
JA
220˚C/W
Maximum Power Dissipation
at 25˚C
568mW
ESD (Note 5)
Human Body Model
2KV
Machine Model
200V
Operating Conditions(Note 1)
Input Voltage
1.9 to 5.2V
Shutdown Input Voltage
0 to 6.0V
Junction Temperature
-40˚C to 125˚C
Power Dissipation at 25˚C
454mW
Electrical Characteristics
Unless otherwise noted, V
SD = 1.15, VIN =VOUT + 1.0V, CIN = 1 µF, IOUT = 1 mA, COUT = 1 µF. Typical values and limits ap-
pearing in normal type apply for T
J = 25˚C. Limits appearing in boldface type apply over the full temperature range for opera-
tion, −40 to +125˚C. (Note 13)
Symbol
Parameter
Conditions
Typ
Limit
Units
Min
Max
V
IN
Input Voltage
1.9
5.2
V
∆V
OUT
Output Voltage Tolerance
Over full line and load regulation.
-90
+90
mV
Line Regulation Error
V
IN =(VOUT(NOM) + 1.0V) to 5.2V,
I
OUT = 1mA
-0.27
+0.27
%/V
Load Regulation Error
I
OUT = 1mA to 30mA
100
220
µV/mA
I
LOAD
Load Current
(Notes 6, 7)
0
µA
I
Q
Quiescent Current
V
SD = 1.15V, IOUT = 0mA
26
50
µA
V
SD = 1.15V, IOUT = 30mA
29
50
V
SD = 0.4V
0.003
1.5
I
SC
Short Circuit Current Limit
(Note 12)
90
mA
PSRR
Power Supply Rejection Ratio
f = 1kHz, I
OUT = 30mA
40
dB
f = 20kHz, I
OUT = 30mA
30
E
EN
Output noise Voltage (Note 7)
BW = 10Hz to 1000kHz,
V
IN = 4.2V
300
µV
RMS
T
SHUTDOWN
Thermal Shutdown Temperature
160
˚C
Thermal Shutdown Hysteresis
20
Enable Control Characteristics
I
SD
Maximum Input Current at
SD Input
V
EN = 0.0V and VIN = 5.2V
0.001
µA
V
IL
Low Input Threshold
V
IN = 1.8V to 5.2V
0.4
V
V
IH
High Input Threshold
V
IN = 1.8 to 5.2V
1.15
V
Timing Characteristics
T
ON1
Turn On Time (Note 7)
50 to 85% of V
OUT(NOM) (Note 8)
15
µS
T
ON2
To 95% Level (Note 9)
40
T
OFF1
Turn Off Time (Note 7)
85 to 50% of V
OUT(NOM) (Note 10)
15
µS
T
OFF2
95 to 5% Level (Note 11)
40
Transient
Response
Line Transient Response |
δV
OUT|Trise =Tfall = 10µS (Note 7)
60
mV
Load Transient Response
|
δV
OUT|
T
rise =Tfall = 1µS
I
OUT = 100µA to 5mA(Note 7)
60
Note 1: Absolute Maximum Ratings are limits beyond which damage can occur. Operating Ratings are conditions under which operation of the device is
guaranteed. Operating Ratings do not imply guaranteed performance limits. For guaranteed performance limits and associated test conditions, see the Electrical
Characteristics tables.
Note 2: All Voltages are with respect to the potential at the GND pin.
www.national.com
3



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com