Electronic Components Datasheet Search
  English  ▼

X  

LP3992 Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LP3992
Description  Micropower 1.5V CMOS Voltage Regulator with Shutdown Control
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP3992 Datasheet(HTML) 5 Page - National Semiconductor (TI)

  LP3992 Datasheet HTML 1Page - National Semiconductor (TI) LP3992 Datasheet HTML 2Page - National Semiconductor (TI) LP3992 Datasheet HTML 3Page - National Semiconductor (TI) LP3992 Datasheet HTML 4Page - National Semiconductor (TI) LP3992 Datasheet HTML 5Page - National Semiconductor (TI) LP3992 Datasheet HTML 6Page - National Semiconductor (TI) LP3992 Datasheet HTML 7Page - National Semiconductor (TI) LP3992 Datasheet HTML 8Page - National Semiconductor (TI) LP3992 Datasheet HTML 9Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
Typical Performance Characteristics. Unless otherwise specified, C
IN =COUT = 1.0 µF Ceramic,
V
IN = 2.8V, TA = 25˚C, Shutdown pin is tied to VIN.
Output Voltage Change vs Temperature
Ground Current vs Load Current
20041207
20041208
20041204
FIGURE 2. Figure 2. Line Transient Input Test Signal.
20041205
FIGURE 3. Figure 3. PSRR Input Test Signal.
www.national.com
5



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com