Electronic Components Datasheet Search
  English  ▼

X  

MAX4434ESA Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX4434ESA
Description  Single-Supply, 150MHz, 16-Bit Accurate, Ultra-Low Distortion Op Amps
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4434ESA Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX4434ESA Datasheet HTML 1Page - Maxim Integrated Products MAX4434ESA Datasheet HTML 2Page - Maxim Integrated Products MAX4434ESA Datasheet HTML 3Page - Maxim Integrated Products MAX4434ESA Datasheet HTML 4Page - Maxim Integrated Products MAX4434ESA Datasheet HTML 5Page - Maxim Integrated Products MAX4434ESA Datasheet HTML 6Page - Maxim Integrated Products MAX4434ESA Datasheet HTML 7Page - Maxim Integrated Products MAX4434ESA Datasheet HTML 8Page - Maxim Integrated Products MAX4434ESA Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
General Description
The MAX4434/MAX4435 single and MAX4436/MAX4437
dual operational amplifiers feature wide bandwidth, 16-
bit settling time in 23ns, and low-noise/low-distortion
operation. The MAX4434/MAX4436 are compensated for
unity-gain stability and have a small-signal -3dB band-
width of 150MHz. The MAX4435/MAX4437 are compen-
sated for closed-loop gains of +5 or greater and have a
small-signal, -3dB bandwidth of 150MHz.
The MAX4434–MAX4437 op amps require only 15mA of
supply current per amplifier while achieving 115dB
open-loop gain. Voltage noise density is a low 2.2nV/
√Hz
and provides 97dB spurious-free dynamic range (SFDR)
at 1MHz. These characteristics make these op amps
ideal for driving modern, high-speed 14- and 16-bit ana-
log-to-digital converters (ADCs).
These high-speed op amps feature wide-output voltage
swings and a high-current output drive up to 65mA. Using
a voltage feedback architecture, the MAX4434–
MAX4437 meet the requirements of many applications
that previously depended on current feedback amplifiers.
The MAX4434/MAX4435 are available in space-saving
5-pin SOT23 packages and the MAX4436/MAX4437 are
available in 8-pin µMAX packages.
________________________Applications
High-Speed 14- and 16-Bit ADC Preamplifiers
Low-Noise Preamplifiers
IF/RF Amplifiers
Low-Distortion Active Filters
High-Performance Receivers
Precision Instrumentation
____________________________Features
o 16-Bit Accurate Settling in 23ns
(MAX4435/MAX4437)
o 97dB SFDR at 1MHz, 4Vp-p Output
o 2.2nV/√Hz Input Voltage Noise Density
o 100dB (min) Open-Loop Gain
o 388V/µs Slew Rate (MAX4435/MAX4437)
o 65mA High Output Drive
o Available in Space-Saving Packages
5-Pin SOT23 (MAX4434/MAX4435)
8-Pin µMAX (MAX4436/MAX4437)
Single-Supply, 150MHz, 16-Bit Accurate,
Ultra-Low Distortion Op Amps
________________________________________________________________ Maxim Integrated Products
1
19-2200; Rev 0; 10/01
For pricing, delivery, and ordering information, please contact Maxim/Dallas Direct! at
1-888-629-4642, or visit Maxim’s website at www.maxim-ic.com.
Ordering Information
Selector Guide appears at end of data sheet.
IN-
IN+
15
VCC
OUT
MAX4434
MAX4435
SOT23-5
TOP VIEW
2
34
VEE
Pin Configurations
Typical Operating Circuit
IN
15
VCC
2
34
C1
HIGH-SPEED
14-/16-BIT ADC
MAX4434
MAX4435
Pin Configurations continued at end of data sheet.
PART
TEMP. RANGE
PIN-PACKAGE
MAX4434EUK-T
-40°C to +85°C
5 SOT23-5
MAX4434ESA
-40°C to +85°C
8 SO
MAX4435EUK-T
-40°C to +85°C
5 SOT23-5
MAX4435ESA
-40°C to +85°C
8 SO
MAX4436EUA
-40°C to +85°C
8 µMAX
MAX4436ESA
-40°C to +85°C
8 SO
MAX4437EUA
-40°C to +85°C
8 µMAX
MAX4437ESA
-40°C to +85°C
8 SO


Similar Part No. - MAX4434ESA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4434ESA MAXIM-MAX4434ESA Datasheet
514Kb / 12P
Single-Supply, 150MHz, 16-Bit Accurate, Ultra-Low Distortion Op Amps
Rev 0; 10/01
MAX4434ESA MAXIM-MAX4434ESA Datasheet
379Kb / 14P
Single-Supply, 150MHz, 16-Bit Accurate, Ultra-Low Distortion Op Amps
Rev 1; 12/08
MAX4434ESA MAXIM-MAX4434ESA Datasheet
2Mb / 12P
Single-Supply, 150MHz, 16-Bit Accurate, Ultra-Low Distortion Op Amps
2015
More results

Similar Description - MAX4434ESA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4108 MAXIM-MAX4108 Datasheet
177Kb / 12P
400MHz, Ultra-Low-Distortion Op Amps
19-0461; Rev 2; 4/97
MAX4249 MAXIM-MAX4249 Datasheet
238Kb / 16P
SOT23, Single-Supply, Low-Noise, Low-Distortion, Rail-to-Rail Op Amps
19-1295; Rev 2; 4/98
MAX4265 MAXIM-MAX4265 Datasheet
361Kb / 16P
Ultra-Low-Distortion, Single-Supply, 300MHz Op Amps with Enable
19-1552; Rev 0; 10/99
MAX4430 MAXIM-MAX4430 Datasheet
748Kb / 12P
Dual-Supply, 180MHz, 16-Bit Accurate, Ultra-Low Distortion Op Amps
Rev 0; 7/00
MAX4435 MAXIM-MAX4435 Datasheet
514Kb / 12P
Single-Supply, 150MHz, 16-Bit Accurate, Ultra-Low Distortion Op Amps
Rev 0; 10/01
MAX4434 MAXIM-MAX4434_08 Datasheet
379Kb / 14P
Single-Supply, 150MHz, 16-Bit Accurate, Ultra-Low Distortion Op Amps
Rev 1; 12/08
MAX4249 MAXIM-MAX4249_11 Datasheet
1Mb / 21P
UCSP, Single-Supply, Low-Noise, Low-Distortion, Rail-to-Rail Op Amps
Rev 8; 10/11
MAX4257 MAXIM-MAX4257_12 Datasheet
738Kb / 16P
UCSP, Single-Supply, Low-Noise, Low-Distortion, Rail-to-Rail Op Amps
Rev 9; 12/12
MAX4434 MAXIM-MAX4434_V01 Datasheet
2Mb / 12P
Single-Supply, 150MHz, 16-Bit Accurate, Ultra-Low Distortion Op Amps
2015
MAX4249 MAXIM-MAX4249_V01 Datasheet
1Mb / 16P
UCSP, Single-Supply, Low-Noise, Low-Distortion, Rail-to-Rail Op Amps
2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com