Electronic Components Datasheet Search
  English  ▼

X  

MAX4434ESA Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX4434ESA
Description  Single-Supply, 150MHz, 16-Bit Accurate, Ultra-Low Distortion Op Amps
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4434ESA Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX4434ESA Datasheet HTML 1Page - Maxim Integrated Products MAX4434ESA Datasheet HTML 2Page - Maxim Integrated Products MAX4434ESA Datasheet HTML 3Page - Maxim Integrated Products MAX4434ESA Datasheet HTML 4Page - Maxim Integrated Products MAX4434ESA Datasheet HTML 5Page - Maxim Integrated Products MAX4434ESA Datasheet HTML 6Page - Maxim Integrated Products MAX4434ESA Datasheet HTML 7Page - Maxim Integrated Products MAX4434ESA Datasheet HTML 8Page - Maxim Integrated Products MAX4434ESA Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Single-Supply, 150MHz, 16-Bit Accurate,
Ultra-Low Distortion Op Amps
_______________________________________________________________________________________
3
AC ELECTRICAL CHARACTERISTICS
(VCC = +5V, VEE = 0, VCM = VCC/2, RL = 500
Ω, AVCL = +1, and TA = +25°C, unless otherwise noted.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
VOUT = 20mVp-p
MAX4434/MAX4436
150
Small-Signal -3dB
Bandwidth
BWSS
VOUT = 20mVp-p
MAX4435/MAX4437 (AVCL = +5)
150
MHz
VOUT = 2Vp-p
MAX4434/MAX4436
28
Large-Signal -3dB
Bandwidth
BWLS
VOUT = 4Vp-p
MAX4435/MAX4437 (AVCL = +5)
25
MHz
VOUT = 20mVp-p
MAX4434/MAX4436
80
Small-Signal 0.1dB
Gain Flatness
BW0.1dBSS
VOUT = 20mVp-p
MAX4435/MAX4437 (AVCL = +5)
80
MHz
VOUT = 2Vp-p
MAX4434/MAX4436
15
Large-Signal 0.1dB
Gain Flatness
BW0.1dBLS
VOUT = 4Vp-p
MAX4435/MAX4437 (AVCL = +5)
20
MHz
VOUT = 2V step
MAX4434/MAX4436
133
Slew Rate
SR
VOUT = 4V step
MAX4435/MAX4437 (AVCL = +5)
388
V/µs
VOUT = 2V step
MAX4434/MAX4436
17
Rise/Fall Time
tR, tF
VOUT = 4V step
MAX4435/MAX4437 (AVCL = +5)
10
ns
VOUT = 1.5V to 3.5V step
MAX4434/MAX4436
35
VOUT = 1.5V to 3.5V step
MAX4435/MAX4437 (AVCL = +5)
23
Settling Time to 16-Bit
(0.0015%)
tS 0.0015%
VOUT = 1V to 4V step
MAX4434/MAX4436
42
ns
Output “Glitch” Settling
to 16-Bit (0.0015%)
5pF load, CL charged from 1V to 4V
41
ns
Output Overload
Recovery Time
50% overdrive, settling to 10% accuracy
100
ns
AC Common-Mode
Rejection Ratio
CMRR
fC = 100kHz
-92
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com