Electronic Components Datasheet Search
  English  ▼

X  

KP256 Datasheet(PDF) 13 Page - Infineon Technologies AG

Part # KP256
Description  High accuracy pressure sensing (짹 1.0 kPa)
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

KP256 Datasheet(HTML) 13 Page - Infineon Technologies AG

Back Button KP256 Datasheet HTML 9Page - Infineon Technologies AG KP256 Datasheet HTML 10Page - Infineon Technologies AG KP256 Datasheet HTML 11Page - Infineon Technologies AG KP256 Datasheet HTML 12Page - Infineon Technologies AG KP256 Datasheet HTML 13Page - Infineon Technologies AG KP256 Datasheet HTML 14Page - Infineon Technologies AG KP256 Datasheet HTML 15Page - Infineon Technologies AG KP256 Datasheet HTML 16Page - Infineon Technologies AG KP256 Datasheet HTML 17Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 29 page
background image
Data Sheet
13
Revision 1.1, 2015-07-29
KP256
Digital Absolute Pressure Sensor
Functional Description
Figure 14 Acquire identifier command
Note: The Reset-bit (C12) determines how the diagnostic reset is handled. For details about the function of the
Reset-bit refer to Chapter 2.9.1.
The “trigger test mode” command is only for information. The test mode is only for calibration and E2PROM
programming. Both are already done during the supplier’s back-end assembly. The information should serve
to avoid command for unintentional test mode operation.
Note: Additional safeguards are provided to prevent unintentional test mode operation. For test mode
operation, the command must be the first command after power-up in combination with a high voltage
level at pin VPROG.
Figure 15 Trigger test mode command
2.7.1.5
Communication Error
In normal operation only the pressure, temperature, diagnosis and identifier commands are valid. Every
abnormality of these commands (e.g. unused command, other value of unused bits, number of clocks not
equal to 16n with n = 1, 2, 3...) will result in a communication error. The response to a detected communication
error is given below.
Figure 16 Response after a communication error
2.7.1.6
Identifier Response Definition
The response to an Acquire identifier command is a fixed value as stated below. With this response, the
KP256 sensor can be indentified when operated in a bus system with several different parts.
Figure 17 Identifier response definition
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
1
11
X
0
0
00
00
00
00
0
0
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
0
00
0
1
1
00
00
00
00
0
0
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
0
00
0
0
0
00
00
00
00
0
1
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
0
10
1
0
0
01
00
11
01
1
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com