Electronic Components Datasheet Search
  English  ▼

X  

KP256 Datasheet(PDF) 21 Page - Infineon Technologies AG

Part # KP256
Description  High accuracy pressure sensing (짹 1.0 kPa)
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

KP256 Datasheet(HTML) 21 Page - Infineon Technologies AG

Back Button KP256 Datasheet HTML 17Page - Infineon Technologies AG KP256 Datasheet HTML 18Page - Infineon Technologies AG KP256 Datasheet HTML 19Page - Infineon Technologies AG KP256 Datasheet HTML 20Page - Infineon Technologies AG KP256 Datasheet HTML 21Page - Infineon Technologies AG KP256 Datasheet HTML 22Page - Infineon Technologies AG KP256 Datasheet HTML 23Page - Infineon Technologies AG KP256 Datasheet HTML 24Page - Infineon Technologies AG KP256 Datasheet HTML 25Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 29 page
background image
Data Sheet
21
Revision 1.1, 2015-07-29
KP256
Digital Absolute Pressure Sensor
Specification
3.2
Absolute Maximum Ratings
Attention: Stresses above the max. values listed in Table 6 “Absolute maximum ratings” may cause
permanent damage to the device. Exposure to absolute maximum rating conditions for
extended periods may affect device reliability. Maximum ratings are absolute ratings;
exceeding only one of these values may cause irreversible damage to the integrated circuit.
Table 6
Absolute maximum ratings
Parameter
Symbol
Values
Unit
Note or
Test Condition
Number
Min.
Typ.
Max.
Voltage on any pin
Vmax
-0.3
–
5.5
6.0
V
V
–
Limited time:
Max. 300 s
1.1
Voltage at output
pins
Vmax_out
-0.3
–
VDD + 0.3 V
–
1.2
Storage temperature TS
-40
–
125
°C
–
1.3
Thermal resistance
Rthj-pin
–
–
180
K/W
Thermal resistance
between the die and
the pins
1.4
Maximum input
pressure
pamb_max 10
–
200
600
kPa
kPa
Limited time:
Max. 300 s
1.5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com