Electronic Components Datasheet Search
  English  ▼

X  

TLE5009 Datasheet(PDF) 13 Page - Infineon Technologies AG

Part # TLE5009
Description  3V to 5.5V operating supply voltage
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE5009 Datasheet(HTML) 13 Page - Infineon Technologies AG

Back Button TLE5009 Datasheet HTML 9Page - Infineon Technologies AG TLE5009 Datasheet HTML 10Page - Infineon Technologies AG TLE5009 Datasheet HTML 11Page - Infineon Technologies AG TLE5009 Datasheet HTML 12Page - Infineon Technologies AG TLE5009 Datasheet HTML 13Page - Infineon Technologies AG TLE5009 Datasheet HTML 14Page - Infineon Technologies AG TLE5009 Datasheet HTML 15Page - Infineon Technologies AG TLE5009 Datasheet HTML 16Page - Infineon Technologies AG TLE5009 Datasheet HTML 17Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 32 page
background image
TLE5009
Specification
Data Sheet
13
Rev. 1.1, 2012-04
3.3
Operating Range
The following operating conditions must not be exceeded in order to ensure correct operation of the TLE5009.
All parameters specified in the following sections refer to these operating conditions, unless otherwise noticed.
Table 3 is valid for -40°C < TJ < 150°C.
The magnetic field is defined at room temperature. Depending on the maximum junction temperature the
maximum field strength is shown in Figure 6. In case of a maximum junction temperature Tj = 100°C a magnet
with up to 60mT at room temperature is applicable. The window for magnetic field in Table 3 is valid for the max
junction temperature of the device.
Figure 6
Magnetic input field strength
Note: The thermal resistances listed in Table 10 “Package parameters” on Page 28 must be used to calculate
the corresponding ambient temperature.
Table 3
Operating range
Parameter
Symbol
Values
Unit Note / Test Condition
Min.
Typ.
Max.
Supply voltage1)
1) Supply voltage VDD buffered with 100 nF ceramic capacitor in close proximity to the sensor.
VDD
4.5
5.0
5.5
V
TLE5009-E2000, TLE5009-E2010
3.0
3.3
3.6
V
TLE5009-E1000, TLE5009-E1010
Output current2)
2) Not subject to production test - verified by design/characterization.
IQ
0
0.5
mA
COS_N; COS_P; SIN_N; SIN_P
00.1
mA
VGMR
Load capacitance2)3)
3) Directly connected to the pin.
CL
0
4.7
nF
COS_N; COS_P; SIN_N; SIN_P; VGMR
Magnetic field2)4)
4) Values refer to an homogenous magnetic field (BXY) without vertical magnetic induction (BZ = 0mT).
BXY_25
24
50
mT
at room temperature, in X/Y direction
Angle range
α
0360
°
Rotation speed2)5)
5) Typical angle propagation delay is 1.62° at 30000 rpm.
n
30000 rpm
30
40
50
60
70
80
90
100
-40
Junction Temperature (°C)
25
85
100
150
20
50
60
70
42
54
65



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com