Electronic Components Datasheet Search
  English  ▼

X  

TLE5009 Datasheet(PDF) 21 Page - Infineon Technologies AG

Part # TLE5009
Description  3V to 5.5V operating supply voltage
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE5009 Datasheet(HTML) 21 Page - Infineon Technologies AG

Back Button TLE5009 Datasheet HTML 17Page - Infineon Technologies AG TLE5009 Datasheet HTML 18Page - Infineon Technologies AG TLE5009 Datasheet HTML 19Page - Infineon Technologies AG TLE5009 Datasheet HTML 20Page - Infineon Technologies AG TLE5009 Datasheet HTML 21Page - Infineon Technologies AG TLE5009 Datasheet HTML 22Page - Infineon Technologies AG TLE5009 Datasheet HTML 23Page - Infineon Technologies AG TLE5009 Datasheet HTML 24Page - Infineon Technologies AG TLE5009 Datasheet HTML 25Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 32 page
background image
TLE5009
Specification
Data Sheet
21
Rev. 1.1, 2012-04
Figure 11
Orthogonality error
There is another more accurate way to determine the orthogonality error. The orthogonality can be calculated out
of the magnitude of two 90° angle shifted components. Possible angle combinations are 45° and 135°, 135° and
225°, 225° and 315° or 315° and 45°.
The angle value is given by the angle sensor. No reference is necessary. Therefore the final parameters of
amplitude and offset (Chapter 3.4.4.2) should be used.
At an angle output of 45° the corresponding Y(sin) and X(cos) values can be read out. This has been done also
at 135° (Figure 12).
Next step is to calculate the length of the magnitudes (Equation (14)):
(14)
M45, M135.. Magnitude at 45° and 135°
X45, X135 .. Cosine values at 45° and 135°
Y45, Y135 .. Sine values at 45° and 135°
With these magnitudes the orthogonality can be calculated (Equation (15)):
(15)
2
135
2
135
135
2
45
2
45
45
Y
X
M
Y
X
M
+
=
+
=
)
arctan(
*
2
45
135
45
135
M
M
M
M
+
−
=
ϕ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com