| Electronic Components Datasheet Search |
|
DSOX4USBH Datasheet(PDF) 13 Page - Keysight Technologies |
|
|
|||||||||||||||||||||||||||||
DSOX4USBH Datasheet(HTML) 13 Page - Keysight Technologies |
|
13 / 39 page ![]() 13 | Keysight | InfiniiVision 4000 X-Series Oscilloscopes - Data Sheet Figure 22. WaveGen sine wave output with and without added AM modulation. Figure 24. Dual channel WaveGen output of differential arbitrary signals. Common mode is shown as a math function. Dual-channel WaveGen 20-MHz function/arbitrary waveform generator: Industry-exclusive The 4000 X-Series offers the industry’s only dual-channel, integrated 20-MHz function/arbitrary waveform generator. (DSOX4WAVEGEN2) The integrated generator provides stimulus output of sine, square, ramp, pulse, DC, noise, sine cardinal (sinc), exponential rise, exponential fall, cardiac, Gaussian pulse and arbitrary waveforms (AWG) to your device under test. Signal modulation capability is also available. With AWG functionality, you can store waveforms from analog channels or reference memory to the arbitrary memory and output from WaveGen. Easily create and edit the waveform using the built-in editor or Keysight’s free BenchLink Waveform Builder Basic software: www.keysight.com/find/33503� With dual channels, you can generate differential signals to: output arbitrary clock and data signals to simulate serial buses, create complex modulations (more than the standard modulation feature), output IQ signals and more. The two channels can be tracked together as well (identical frequency, amplitude, offset and duty cycle). 3-digit voltmeter The 4000 X-Series offers a standard integrated 3-digit voltmeter (DVM) and 5-digit frequency counter inside the oscilloscope. The voltmeter operates through the same probes as the oscilloscope channels. However, the DVM measurements are de-coupled from the oscilloscope triggering system so that both the DVM and triggered oscilloscope waveform capture can be made with the same connection. The voltmeter results are always displayed, keeping these quick characterization measurements at your fingertips. Figure 23. WaveGen arbitrary waveform editing screen. Figure 25. DVM 3-digit voltage and 5-digit frequency measurements always at your fingertips. Oscilloscope Experience Redefined: Experience the Integration (Continued) |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |