Electronic Components Datasheet Search
  English  ▼

X  

DSOX4USBH Datasheet(PDF) 21 Page - Keysight Technologies

Part # DSOX4USBH
Description  InfiniiVision 4000 X-Series Oscilloscopes
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEYSIGHT [Keysight Technologies]
Direct Link  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

DSOX4USBH Datasheet(HTML) 21 Page - Keysight Technologies

Back Button DSOX4USBH Datasheet HTML 17Page - Keysight Technologies DSOX4USBH Datasheet HTML 18Page - Keysight Technologies DSOX4USBH Datasheet HTML 19Page - Keysight Technologies DSOX4USBH Datasheet HTML 20Page - Keysight Technologies DSOX4USBH Datasheet HTML 21Page - Keysight Technologies DSOX4USBH Datasheet HTML 22Page - Keysight Technologies DSOX4USBH Datasheet HTML 23Page - Keysight Technologies DSOX4USBH Datasheet HTML 24Page - Keysight Technologies DSOX4USBH Datasheet HTML 25Page - Keysight Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 39 page
background image
21 | Keysight | InfiniiVision 4000 X-Series Oscilloscopes - Data Sheet
High-resolution mode for viewing signal details
To build more confidence in your designs, sometimes you need to
look into more signal detail than you can see with the standard
8-bit vertical resolution of the 4000 X-Series.
High-resolution mode offers additional resolution and insight into
the signal, without requiring a repetitive signal. Using real-time
boxcar averaging, high-resolution mode reduces random noise
and effectively increases vertical resolution, up to 12 bits. For
example, it achieves the 113 µVrms noise floor at 1 mV/div,
100 µs/div setting.
Figure 42. Getting 113 uVrms noise floor at 1 mV/div with the high
resolution mode.
Freeze display
Perhaps you need to share with others an infrequent event you
found. With the “freeze display” feature, you can keep intensity
information on the screen while the oscilloscope is stopped or
before saving a screen shot.
Figure 44. The “freeze screen” feature keeps the intensity-grading
information while stopping the waveform acquisition.
Figure 43. Wide array of advanced parametric trigger modes.
Advanced parametric triggering
With today’s more complex signals, you often need to trigger
on complex signal conditions to synchronize the oscilloscope’s
acquisition on specific events. The 4000 X-Series oscilloscope
can trigger on the following conditions: edge, edge then edge,
pulse width (time-qualified), pattern, or, rise/fall time, Nth edge
burst, runt, setup and hold, video, and various serial buses
(optional).
Oscilloscope Experience Redefined:
Other Key Productivity Tools (Continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com