Electronic Components Datasheet Search
  English  ▼

X  

DSOX6CXPI Datasheet(PDF) 4 Page - Keysight Technologies

Part # DSOX6CXPI
Description  InfiniiVision 6000 X-Series Oscilloscopes
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEYSIGHT [Keysight Technologies]
Direct Link  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

DSOX6CXPI Datasheet(HTML) 4 Page - Keysight Technologies

  DSOX6CXPI Datasheet HTML 1Page - Keysight Technologies DSOX6CXPI Datasheet HTML 2Page - Keysight Technologies DSOX6CXPI Datasheet HTML 3Page - Keysight Technologies DSOX6CXPI Datasheet HTML 4Page - Keysight Technologies DSOX6CXPI Datasheet HTML 5Page - Keysight Technologies DSOX6CXPI Datasheet HTML 6Page - Keysight Technologies DSOX6CXPI Datasheet HTML 7Page - Keysight Technologies DSOX6CXPI Datasheet HTML 8Page - Keysight Technologies DSOX6CXPI Datasheet HTML 9Page - Keysight Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 45 page
background image
04 | Keysight | InfiniiVision 6000 X-Series Oscilloscopes - Data Sheet
Overview of the Keysight InfiniiVision X-Series oscilloscopes
InfiniiVision
6000 X-Series
4000 X-Series
3000T X-Series
2000 X-Series
1000 X-Series
Analog channels
2 or 4
2 or 4
2 or 4
2 or 4
2
Digital channels (MSO) 16
16
16
8
External trigger can be
used as a 3rd digital
channel
Bandwidth
(upgradable)
1, 2.5, 4, 6 GHz
200, 350, 500 MHz, 1,
1.5 GHz
100, 200, 350, 500
MHz, 1 GHz
70, 100, 200 MHz
50, 70, 100 MHz
Max sampling rate
20 GSa/s
5 GSa/s
5 GSa/s
2 GSa/s
2 GSa/s
Max memory depth
4 Mpts
4 Mpts
4 Mpts
100 kpts (standard)
1 Mpts (option)
Up to 1 Mpts standard
Max waveform update
rate
> 450,000
waveforms/sec
> 1,000,000
waveforms/sec
> 1,000,000
waveforms/sec
> 50,000
waveforms/sec
> 50,000
waveforms/sec
Display
12.1 inches, capacitive,
multi-touch, gesture
enabled
12.1 inches, capacitive
8.5 inches, capacitive
8.5 inches
7 inches
Zone trigger
Standard
Standard
Standard
No
No
Voice control
Standard
No
No
No
No
20-MHz function/
arbitrary waveform
generator
Dual-channel AWG
(option)
Dual-channel AWG
(option)
Single-channel AWG
(option)
Single-channel function
(option)
Single-channel function
(standard on G models)
Integrated DVM
Standard
Standard
Standard
Standard
Free with registration
Integrated hardware
counter (standard)
10-digit frequency,
period, or totalizer
counter
5-digit frequency or
period counter (8 digits
with external 10 MHz
clock reference)
8-digit frequency,
period, or totalizer
counter
5-digit frequency
counter
8-digit frequency
counter
Search and navigate
Standard with lister
Standard with lister
Standard with lister
Standard
No
Segment memory
Standard
Standard
Standard
Option
Standard on DSO
models
Mask/limit test
Option
Option
Option
Option
Standard on DSO
models
Serial protocol
analysis options
I2C/SPI, UART,
CAN/CAN-FD, LIN,
FlexRay, SENT,
I2S, MIL-STD1553/
ARINC429, USB 2.0,
CXPI, Manchester/NRZ,
USB PD
I2C/SPI, UART,
CAN/CAN-FD, LIN,
FlexRay, SENT,
I2S, MIL-STD1553/
ARINC429, USB 2.0,
CXPI, Manchester/NRZ,
USB PD
I2C/SPI, UART, CAN/
CAN-FD, LIN, FlexRay,
SENT, I2S, MIL-
STD1553/ARINC429,
CXPI, Manchester/
NRZ, USB PD
I2C/SPI, UART, CAN/
LIN (will not operate
simultaneously with
digital channels)
I2C/SPI, UART, CAN/
LIN
Advanced analysis
options
Power analysis, USB
2.0 signal quality test,
HDTV analysis, FRA
Power analysis, USB
2.0 signal quality test,
HDTV analysis, FRA,
NFC
Power analysis, HDTV
analysis, FRA, NFC
No
FRA
Color grade
Standard
No
No
No
No
Histogram
Standard
No
No
No
No
Spectrum analysis
Standard enhanced FFT Standard enhanced FFT Standard enhanced
FFT
Standard
Standard
Multi-domain analysis
Gated FFT
Gated FFT
Gated FFT
No
No
Jitter analysis
Option
No
No
No
No
Real-time eye diagram Option
No
No
No
No
Advanced math
Standard, display
four functions
simultaneously
Standard, display one
function
Standard, display one
function
No
No
Connectivity
Standard USB 2.0,
LAN, video (GPIB
option), USB mouse
and keyboard support
Standard USB 2.0,
LAN, video (GPIB
option), USB mouse
and keyboard support
Standard USB 2.0
(LAN/video/GPIB
option), USB mouse
and keyboard support
Standard USB 2.0
(LAN/video/GPIB
option), USB keyboard
support
Standard USB 2.0, USB
keyboard support
New Standard for Price Performance: Bandwidth, Visualization, and Integration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com