Electronic Components Datasheet Search
  English  ▼

X  

DSOX6CXPI Datasheet(PDF) 21 Page - Keysight Technologies

Part # DSOX6CXPI
Description  InfiniiVision 6000 X-Series Oscilloscopes
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEYSIGHT [Keysight Technologies]
Direct Link  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

DSOX6CXPI Datasheet(HTML) 21 Page - Keysight Technologies

Back Button DSOX6CXPI Datasheet HTML 17Page - Keysight Technologies DSOX6CXPI Datasheet HTML 18Page - Keysight Technologies DSOX6CXPI Datasheet HTML 19Page - Keysight Technologies DSOX6CXPI Datasheet HTML 20Page - Keysight Technologies DSOX6CXPI Datasheet HTML 21Page - Keysight Technologies DSOX6CXPI Datasheet HTML 22Page - Keysight Technologies DSOX6CXPI Datasheet HTML 23Page - Keysight Technologies DSOX6CXPI Datasheet HTML 24Page - Keysight Technologies DSOX6CXPI Datasheet HTML 25Page - Keysight Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 45 page
background image
21 | Keysight | InfiniiVision 6000 X-Series Oscilloscopes - Data Sheet
New Standard for Price Performance: Bandwidth, Visualization, and Integration
Integration (Continued)
Optional HDTV video triggering and analysis
Whether you are debugging consumer electronics with HDTV
or characterizing a design, the HDTV measurement application
(Option DSOX6VID) provides support for a variety of HDTV
standards for triggering and analysis. The 450,000 waveforms/
sec capture rate of the 6000 X-Series, coupled with its intensity-
graded view of the signal, provides even more details than a
traditional analog oscilloscope.
See www.keysight.com/find/DSOX6VID for more information.
Hardware and software bandwidth limit filters
(low-pass filters)
More bandwidth generally enhances your measurements except
when you want to limit excess noise coming from additional
bandwidth. The 6000 X-Series oscilloscopes provide two
standard bandwidth-limiting filters, one in the hardware and the
other implemented in software (a math function). Now you can
select the optimal bandwidth for your measurement.
Hardware bandwidth
filter
1 MΩ
20 MHz, 200 MHz
50 Ω
20 MHz, 200 MHz, 1.5 GHz 1,
3 GHz 2
Software bandwidth
filter (low pass filter
function)
1 Hz through bandwidth of
scope
1. With 2.5 GHz, 4 GHz, or 6 GHz licensed 6000 X-Series only.
2. With 4 GHz or 6 GHz licensed 6000 X-Series only.
High-resolution mode for viewing signal details
To gain more confidence in your designs, sometimes you need to
look into more signal detail than you can see with the standard
8-bit vertical resolution of the 6000 X-Series oscilloscopes.
High-resolution mode offers additional resolution and insight into
the signal, without requiring a repetitive signal. Using real-time
boxcar averaging, high-resolution mode reduces random noise
and effectively increases vertical resolution up to 12 bits.
Figure 45. Triggering on a 1080p/60 signal.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com