Electronic Components Datasheet Search
  English  ▼

X  

MIC2207YML Datasheet(PDF) 3 Page - Micrel Semiconductor

Part # MIC2207YML
Description  3mmx3mm 2MHz 3A PWM Buck Regulator
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2207YML Datasheet(HTML) 3 Page - Micrel Semiconductor

  MIC2207YML Datasheet HTML 1Page - Micrel Semiconductor MIC2207YML Datasheet HTML 2Page - Micrel Semiconductor MIC2207YML Datasheet HTML 3Page - Micrel Semiconductor MIC2207YML Datasheet HTML 4Page - Micrel Semiconductor MIC2207YML Datasheet HTML 5Page - Micrel Semiconductor MIC2207YML Datasheet HTML 6Page - Micrel Semiconductor MIC2207YML Datasheet HTML 7Page - Micrel Semiconductor MIC2207YML Datasheet HTML 8Page - Micrel Semiconductor MIC2207YML Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
Micrel
MIC2207
Absolute Maximum Ratings
(1)
Supply Voltage (VIN) ............................................ +6V
Output Switch Voltage (VSW) ............................... +6V
Output Switch Current (ISW) ................................. 11A
Logic Input Voltage (VEN)......................... -0.3V to VIN
Storage Temperature (Ts)................ -60°C to +150°C
ESD Rating
(3) ........................................................2kV
Operating Ratings
(2)
Supply Voltage (VIN)............................+2.7V to +5.5V
Logic Input Voltage (VEN) ............................. 0V to VIN
Junction Temperature (TJ) .............. –40°C to +125°C
Junction Thermal Resistance
3x3 MLF-12L (
θJA) ................................... 60°C/W
Electrical Characteristics
(4)
VIN = VEN = 3.6V; L = 1µH; COUT = 4.7µF; TA = 25°C, unless noted. Bold values indicate –40°C< TJ < +125°C
Parameter
Condition
Min
Typ
Max
Units
Supply Voltage Range
2.7
5.5
V
Under-Voltage Lockout
Threshold
(turn-on)
2.45
2.55
2.65
V
UVLO Hysteresis
100
mV
Quiescent Current
VFB = 0.9 * VNOM (not switching)
570
900
µA
Shutdown Current
VEN = 0V
2
10
µA
[Adjustable] Feedback
Voltage
± 1% ILOAD = 100mA
± 2% (over temperature) ILOAD = 100mA
0.99
0.98
1
1.01
1.02
V
FB pin input current
1
nA
Current Limit in PWM Mode
VFB = 0.9 * VNOM
3.5
5
7
A
Output Voltage Line
Regulation
VOUT > 2V; VIN = VOUT+500mV to 5.5V; ILOAD= 100mA
VOUT < 2V; VIN = 2.7V to 5.5V; ILOAD= 100mA
0.07
%
Output Voltage Load
Regulation
20mA < ILOAD < 3A
0.2
0.5
%
Maximum Duty Cycle
VFB ≤ 0.4V
100
%
PWM Switch ON-
Resistance
ISW = 50mA VFB = 0.7VFB_NOM (High Side Switch)
95
200
300
m
Ω
Oscillator Frequency
1.8
2
2.2
MHz
Enable Threshold
0.5
0.85
1.3
V
Enable Hysteresis
50
mV
Enable Input Current
0.1
2
µA
Power Good Range
±7
±10
%
Power Good Resistance
IPGOOD = 500µA
145
200
Ω
Over-Temperature
Shutdown
160
°C
Over-Temperature
Hysteresis
20
°C
Notes:
1. Exceeding the absolute maximum rating may damage the device.
2. The device is not guaranteed to function outside its operating rating.
3. Devices are ESD sensitive. Handling precautions recommended. Human body model: 1.5k
Ω in series with 100pF.
4. Specification for packaged product only.
5. Dropout voltage is defined as the input-to-output differential at which the output voltage drops 2% below its nominal value that is initially
measured at a 1V differential. For outputs below 2.7V, the dropout voltage is the input-to-output voltage differential with a minimum
input voltage of 2.7V.
April 2005
3
M9999-040705
www.micrel.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com