Electronic Components Datasheet Search
  English  ▼

X  

MIC2207YML Datasheet(PDF) 4 Page - Micrel Semiconductor

Part # MIC2207YML
Description  3mmx3mm 2MHz 3A PWM Buck Regulator
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2207YML Datasheet(HTML) 4 Page - Micrel Semiconductor

  MIC2207YML Datasheet HTML 1Page - Micrel Semiconductor MIC2207YML Datasheet HTML 2Page - Micrel Semiconductor MIC2207YML Datasheet HTML 3Page - Micrel Semiconductor MIC2207YML Datasheet HTML 4Page - Micrel Semiconductor MIC2207YML Datasheet HTML 5Page - Micrel Semiconductor MIC2207YML Datasheet HTML 6Page - Micrel Semiconductor MIC2207YML Datasheet HTML 7Page - Micrel Semiconductor MIC2207YML Datasheet HTML 8Page - Micrel Semiconductor MIC2207YML Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
Micrel
MIC2207
Typical Characteristics
80
82
84
86
88
90
92
94
96
00.511.5
2
2.5
3
OUTPUT CURRENT (A)
MIC2207
3.3V
OUT
Efficiency
4.5V
IN
5V
IN 5.5V
IN
80
82
84
86
88
90
92
94
96
98
100
00.511.5
2
2.5
3
OUTPUT CURRENT (A)
MIC2207
2.5V
OUT
Efficiency
3.3V
IN
3V
IN
3.6V
IN
80
82
84
86
88
90
92
94
00.511.5
2
2.5
3
OUTPUT CURRENT (A)
MIC2207
2.5V
OUT
Efficiency
5.5V
IN
5V
IN
4.5V
IN
75
77
79
81
83
85
87
89
91
93
95
00.511.5
2
2.5
3
OUTPUT CURRENT (A)
MIC2207
1.8V
OUT
Efficiency
3.6V
IN
3V
IN
3.3V
IN
70
72
74
76
78
80
82
84
86
88
90
00.511.5
2
2.5
3
OUTPUT CURRENT (A)
MIC2207
1.8V
OUT
Efficiency
5.5V
IN
5V
IN
4.5V
IN
70
75
80
85
90
95
00.511.5
2
2.5
3
OUTPUT CURRENT (A)
MIC2207
1.5V
OUT
Efficiency
3.6V
IN
3V
IN
3.3V
IN
65
67
69
71
73
75
77
79
81
83
85
00.511.5
2
2.5
3
OUTPUT CURRENT (A)
MIC2207
1.5V
OUT
Efficiency
5.5V
IN
5V
IN
4.5V
IN
70
72
74
76
78
80
82
84
86
88
90
00.511.5
2
2.5
3
OUTPUT CURRENT (A)
MIC2207
1.2V
OUT
Efficiency
3.6V
IN
3V
IN
3.3V
IN
65
67
69
71
73
75
77
79
81
83
85
00.511.5
2
2.5
3
OUTPUT CURRENT (A)
MIC2207
1.2V
OUT
Efficiency
5.5V
IN
5V
IN
4.5V
IN
65
67
69
71
73
75
77
79
81
83
85
00.511.5
2
2.5
3
OUTPUT CURRENT (A)
MIC2207
1V
OUT
Efficiency
3.6V
IN
3V
IN
3.3V
IN
60
65
70
75
80
85
00.511.5
2
2.5
3
OUTPUT CURRENT (A)
MIC2207
1V
OUT
Efficiency
5.5V
IN
5V
IN
4.5V
IN
0.990
0.995
1.000
1.005
1.010
00.511.5
2
2.5
3
OUTPUT CURRENT (A)
Load Regulation
V
IN
= 3.3V
April 2005
4
M9999-040705
www.micrel.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com