Electronic Components Datasheet Search
  English  ▼

X  

LP6218 Datasheet(PDF) 1 Page - Lowpower Semiconductor inc

Part # LP6218
Description  High Efficiency 2.1A Boost DC/DC Convertor
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP6218 Datasheet(HTML) 1 Page - Lowpower Semiconductor inc

  LP6218 Datasheet HTML 1Page - Lowpower Semiconductor inc LP6218 Datasheet HTML 2Page - Lowpower Semiconductor inc LP6218 Datasheet HTML 3Page - Lowpower Semiconductor inc LP6218 Datasheet HTML 4Page - Lowpower Semiconductor inc LP6218 Datasheet HTML 5Page - Lowpower Semiconductor inc LP6218 Datasheet HTML 6Page - Lowpower Semiconductor inc LP6218 Datasheet HTML 7Page - Lowpower Semiconductor inc LP6218 Datasheet HTML 8Page - Lowpower Semiconductor inc LP6218 Datasheet HTML 9Page - Lowpower Semiconductor inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
LP6218
May.-2017
Email: marketing@lowpowersemi.com
www.lowpowersemi.com
Page 1 of 9
Preliminary Datasheet
LP6218
High Efficiency 2.1A Boost DC/DC Convertor
General Description
The LP6218 is a current mode boost DC-DC converter.
Its PWM circuitry with built-in 2.1A current power
MOSFET makes this converter highly power efficiently.
The LP6218 implements a constant frequency 1MHz
PWM control scheme. The high frequency PWM
operation also saves board space by reducing external
component sizes. The LP6218 features automatic
shifting to pulse frequency modulation mode at light
loads.Highly integration and internal compensation
network minimizes as 6 external component counts.
Optimized operation frequency can meet the
requirement of small LC filters value and low operation
current with high efficiency.
The LP6218 includes under-voltage lockout, current
limiting, and thermal overload protection to prevent
damage in the event of an output overload. The
LP6218 is available in a small 6-pin SOT23-6
package.
Order Information
LP6218 □ □ □
F: Halogen Free and Pb Free
Package Type
B6: SOT23-6
Applications
Battery products
Host Products
Panel
Features
Up to 94% efficiency
Output to Input Disconnect at Shutdown Mode
Shut-down current:<1uA
Input and Output voltage Up to 24V
Internal Compensation, Soft-start
1MHz fixed frequency switching
High switch on current:2.1A
Available in SOT23-6 Package
Typical Application Circuit
VIN
SW
VIN
EN
GND
FB
C1
22uF
C2
22uF
C3
NC
R1
110K
R2
15K
4.7uH
VOUT
R3
500K
Diode
Marking Information
Device
Marking
Package
Shipping
LP6218
SOT23-6
3K/REEL
Marking indication:
Y:Production year W:Production period X:Production batch


Similar Part No. - LP6218

ManufacturerPart #DatasheetDescription
logo
Lowpower Semiconductor ...
LP6218S POWER-LP6218S Datasheet
306Kb / 6P
Output to Input Disconnect at Shutdown Mode
More results

Similar Description - LP6218

ManufacturerPart #DatasheetDescription
logo
E-CMOS Corporation
ELP6230A E-CMOS-ELP6230A Datasheet
306Kb / 8P
High Efficiency 1A/30V Boost DC/DC Convertor
logo
Lowpower Semiconductor ...
LP6212A POWER-LP6212A Datasheet
731Kb / 7P
High Efficiency 4A Boost DC/DC Convertor
LP6226 POWER-LP6226 Datasheet
935Kb / 7P
High Efficiency Boost DC/DC Convertor
LP6230A POWER-LP6230A Datasheet
411Kb / 7P
High Efficiency 1.4A/30VBoost DC/DC Convertor
LP6230B POWER-LP6230B Datasheet
562Kb / 7P
High Efficiency 2.4A Boost DC/DC Convertor
LP6235 POWER-LP6235 Datasheet
420Kb / 6P
High Efficiency 3A Boost DC/DC Convertor
LP6236 POWER-LP6236 Datasheet
878Kb / 9P
High Efficiency 2.0A Boost DC/DC Convertor
LP6216 POWER-LP6216 Datasheet
596Kb / 8P
High Efficiency 3A Boost DC/DC Convertor
LP6221A POWER-LP6221A Datasheet
439Kb / 7P
High Efficiency 10A Boost DC/DC Convertor
LP6222 POWER-LP6222 Datasheet
651Kb / 9P
High Efficiency Boost DC/DC Convertor
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com