Electronic Components Datasheet Search
  English  ▼

X  

LP6218 Datasheet(PDF) 5 Page - Lowpower Semiconductor inc

Part # LP6218
Description  High Efficiency 2.1A Boost DC/DC Convertor
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP6218 Datasheet(HTML) 5 Page - Lowpower Semiconductor inc

  LP6218 Datasheet HTML 1Page - Lowpower Semiconductor inc LP6218 Datasheet HTML 2Page - Lowpower Semiconductor inc LP6218 Datasheet HTML 3Page - Lowpower Semiconductor inc LP6218 Datasheet HTML 4Page - Lowpower Semiconductor inc LP6218 Datasheet HTML 5Page - Lowpower Semiconductor inc LP6218 Datasheet HTML 6Page - Lowpower Semiconductor inc LP6218 Datasheet HTML 7Page - Lowpower Semiconductor inc LP6218 Datasheet HTML 8Page - Lowpower Semiconductor inc LP6218 Datasheet HTML 9Page - Lowpower Semiconductor inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
LP6218
May.-2017
Email: marketing@lowpowersemi.com
www.lowpowersemi.com
Page 5 of 9
Preliminary Datasheet
LP6218
Typical Operating Characteristics
(CIN=22uF,COUT=22uF,TA=25℃,unless otherwise noted)
VIN=3V,VOUT=5V,IOUT=50mA,CH1=VSW,CH2=△VOUT
VIN=3V,VOUT=5V, IOUT=200mA,CH1= VSW,CH2=△VOUT
VIN=3V,VOUT=5V,IOUT=500mA,CH1= VSW,CH2=△VOUT
VIN=3V,VOUT=5V, IOUT=1A,CH1= VSW,CH2=△VOUT



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com