Electronic Components Datasheet Search
  English  ▼

X  

LP6230A Datasheet(PDF) 6 Page - Lowpower Semiconductor inc

Part # LP6230A
Description  High Efficiency 1.4A/30VBoost DC/DC Convertor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP6230A Datasheet(HTML) 6 Page - Lowpower Semiconductor inc

  LP6230A Datasheet HTML 1Page - Lowpower Semiconductor inc LP6230A Datasheet HTML 2Page - Lowpower Semiconductor inc LP6230A Datasheet HTML 3Page - Lowpower Semiconductor inc LP6230A Datasheet HTML 4Page - Lowpower Semiconductor inc LP6230A Datasheet HTML 5Page - Lowpower Semiconductor inc LP6230A Datasheet HTML 6Page - Lowpower Semiconductor inc LP6230A Datasheet HTML 7Page - Lowpower Semiconductor inc  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
LP6230A–01
Oct.-2013
Email: marketing@lowpowersemi.com
www.Lowpowersemi.com
Page 6 of 7
Preliminary Datasheet
LP6230A
Operation Information
The LP6230A uses a fixed frequency, peak current
mode boost regulator architecture to regulate
voltage at the feedback pin. At the start of each
oscillator cycle the MOSFET is turned on through
the control circuitry. To prevent sub-harmonic
oscillations at duty cycles greater than 50 percent,
a stabilizing ramp is added to the output of the
current sense amplifier and the result is fed into
the negative input of the PWM comparator. When
this voltage equals The output voltage of the error
amplifier the power MOSFET is turned off. The
voltage at the output of the error amplifier is an
amplified version of the difference between the
1.25V bandgap reference voltage and the
feedback voltage. In this way the peak current
level keeps the output in regulation. If the feedback
voltage starts to drop, the output of the error
amplifier increases. These results in more current
to flow through the power MOSFET, thus
increasing the power delivered to the output.
TheLP6230A has internal soft start to limit the
amount of input current at startup and to also limit
the amount of overshoot on the output.
Setting the Output Voltage
Set the output voltage by selecting the resistive
voltage divider ratio. The voltage divider drops the
output voltage to the 1.25V feedback voltage. Use
a 100K resistor for R2 of the voltage divider.
Determine the high-side resistor R1 by the
equation:
Vout=(R1/R2+1)×VFB
Vout=(R1/R2+1)×1.25V
Diode Selection
To achieve high efficiency, Schottky diode is good
choice for low forward drop voltage and fast
switching time. The output diode rating should be
able to handle the maximum output voltage, average
power dissipation and the pulsating diode peak
current.
Input Capacitor Selection
For better input bypassing, low-ESR ceramic
capacitors are recommended for performance. A
10μF input capacitor is sufficient for most
applications. For a lower output power requirement
application, this value can be decreased.
Layout Guideline
For high frequency switching power supplies, the
PCB layout is important step in system application
design. In order to let IC achieve good regulation,
high efficiency and stability, it is strongly
recommended the power components should be
placed as close as possible. The set races should be
wide and short. The feedback pin and then works of
feedback and compensation should keep away from
the power loops, and be shielded with a ground trace
or plane to prevent noise coupling.Input and Output
capacitors should be placed close to the IC and
connected to ground plane to reduce noise coupling.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com