Electronic Components Datasheet Search
  English  ▼

X  

LP6230A Datasheet(PDF) 5 Page - Lowpower Semiconductor inc

Part # LP6230A
Description  High Efficiency 1.4A/30VBoost DC/DC Convertor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP6230A Datasheet(HTML) 5 Page - Lowpower Semiconductor inc

  LP6230A Datasheet HTML 1Page - Lowpower Semiconductor inc LP6230A Datasheet HTML 2Page - Lowpower Semiconductor inc LP6230A Datasheet HTML 3Page - Lowpower Semiconductor inc LP6230A Datasheet HTML 4Page - Lowpower Semiconductor inc LP6230A Datasheet HTML 5Page - Lowpower Semiconductor inc LP6230A Datasheet HTML 6Page - Lowpower Semiconductor inc LP6230A Datasheet HTML 7Page - Lowpower Semiconductor inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
LP6230A–01
Oct.-2013
Email: marketing@lowpowersemi.com
www.Lowpowersemi.com
Page 5 of 7
Preliminary Datasheet
LP6230A
Electrical Characteristics
(Vin=3.3V,Vout=5V,Cin=10uF,Cout=22uF,L1=4.7uH)
Parameter
Conditions
LP6230A
Units
Min
Typ
Max
Supply Voltage
2.7
5.5
V
Output Voltage Range
2.7
30
V
Supply Current(Shutdown)
VEN=VOUT=0V,VSW=5V
0.1
1
uA
Supply Current
430
550
uA
Feedback Voltage
1.22
1.25
1.28
V
Feedback Input Current
VFB=1.25V
50
nA
Switching Frequency
1200
KHz
Maximum Duty Cycle
93
%
EN Input Low Voltage
0.4
V
EN Input High Voltage
1.4
V
Low-side Current Limit
1.4
A
High-side On Resistance
Vout=3.3V
0.4
Ω
Mosfet voltage
30
V



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com