Electronic Components Datasheet Search
  English  ▼

X  

LP6235 Datasheet(PDF) 1 Page - Lowpower Semiconductor inc

Part # LP6235
Description  High Efficiency 3A Boost DC/DC Convertor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP6235 Datasheet(HTML) 1 Page - Lowpower Semiconductor inc

  LP6235 Datasheet HTML 1Page - Lowpower Semiconductor inc LP6235 Datasheet HTML 2Page - Lowpower Semiconductor inc LP6235 Datasheet HTML 3Page - Lowpower Semiconductor inc LP6235 Datasheet HTML 4Page - Lowpower Semiconductor inc LP6235 Datasheet HTML 5Page - Lowpower Semiconductor inc LP6235 Datasheet HTML 6Page - Lowpower Semiconductor inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
LP6235
Aug.-2017
Email: marketing@lowpowersemi.com
www.lowpowersemi.com
Page 1 of 6
Preliminary Datasheet
LP6235
High Efficiency 3A Boost DC/DC Convertor
General Description
he LP6320A is a 1.2MHz PWM boost switching
regulator designed for constant-voltage boost
applications. The LP6235 can drive a string of up to
5.5V. The LP6235 implements a constant frequency
1.2MHz PWM control scheme. The high frequency
PWM operation also saves board space by reducing
external component sizes. The LP6235 features
automatic shifting to pulse frequency modulation mode
at light loads.Highly integration and internal
compensation network minimizes as 6 external
component counts. Optimized operation frequency
can meet the requirement of small LC filters value and
low operation current with high efficiency.
The LP6235 includes under-voltage lockout, current
limiting, and thermal overload protection to prevent
damage in the event of an output overload. The
LP6235 is available in a small SOT23-6 package.
Order Information
LP6235 □ □ □
F: Pb-Free
Package Type
B6: SOT23-6
Applications
Battery products
Host Products
Panel
Features
Up to 94% efficiency
Output to Input Disconnect at Shutdown Mode
Shut-down current:<1uA
Output voltage Up to 5.5V
Internal Compensation, Soft-start
1.2MHz fixed frequency switching
High switch on current:3A
Available in SOT23-6 Package
Typical Application Circuit
Marking Information
Device
Marking
Package
Shipping
LP6235B6F
LPS
5QYWX
SOT23-6
3K/REEL
Marking indication:
Y:Production year W:Production period X:Production batch
C3
22pF
R1
30K
EN
4
SW
1
FB
3
GND
2
VIN
5
ISET
6
LP6235
C1
22uF
VIN
VOUT
C2
22uF
R2
10K
2.2uH
R3


Similar Part No. - LP6235

ManufacturerPart #DatasheetDescription
logo
Lowpower Semiconductor ...
LP6230A POWER-LP6230A Datasheet
411Kb / 7P
High Efficiency 1.4A/30VBoost DC/DC Convertor
LP6230AMSF POWER-LP6230AMSF Datasheet
411Kb / 7P
High Efficiency 1.4A/30VBoost DC/DC Convertor
LP6230B POWER-LP6230B Datasheet
562Kb / 7P
High Efficiency 2.4A Boost DC/DC Convertor
LP6230C POWER-LP6230C Datasheet
982Kb / 7P
1.0MHz,24V/2.0A High Performance, Boost Converter
LP6236 POWER-LP6236 Datasheet
878Kb / 9P
High Efficiency 2.0A Boost DC/DC Convertor
More results

Similar Description - LP6235

ManufacturerPart #DatasheetDescription
logo
E-CMOS Corporation
ELP6230A E-CMOS-ELP6230A Datasheet
306Kb / 8P
High Efficiency 1A/30V Boost DC/DC Convertor
logo
Lowpower Semiconductor ...
LP6212A POWER-LP6212A Datasheet
731Kb / 7P
High Efficiency 4A Boost DC/DC Convertor
LP6218 POWER-LP6218 Datasheet
714Kb / 9P
High Efficiency 2.1A Boost DC/DC Convertor
LP6226 POWER-LP6226 Datasheet
935Kb / 7P
High Efficiency Boost DC/DC Convertor
LP6230A POWER-LP6230A Datasheet
411Kb / 7P
High Efficiency 1.4A/30VBoost DC/DC Convertor
LP6230B POWER-LP6230B Datasheet
562Kb / 7P
High Efficiency 2.4A Boost DC/DC Convertor
LP6236 POWER-LP6236 Datasheet
878Kb / 9P
High Efficiency 2.0A Boost DC/DC Convertor
LP6216 POWER-LP6216 Datasheet
596Kb / 8P
High Efficiency 3A Boost DC/DC Convertor
LP6221A POWER-LP6221A Datasheet
439Kb / 7P
High Efficiency 10A Boost DC/DC Convertor
LP6222 POWER-LP6222 Datasheet
651Kb / 9P
High Efficiency Boost DC/DC Convertor
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com