Electronic Components Datasheet Search
  English  ▼

X  

LP6235 Datasheet(PDF) 2 Page - Lowpower Semiconductor inc

Part # LP6235
Description  High Efficiency 3A Boost DC/DC Convertor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP6235 Datasheet(HTML) 2 Page - Lowpower Semiconductor inc

  LP6235 Datasheet HTML 1Page - Lowpower Semiconductor inc LP6235 Datasheet HTML 2Page - Lowpower Semiconductor inc LP6235 Datasheet HTML 3Page - Lowpower Semiconductor inc LP6235 Datasheet HTML 4Page - Lowpower Semiconductor inc LP6235 Datasheet HTML 5Page - Lowpower Semiconductor inc LP6235 Datasheet HTML 6Page - Lowpower Semiconductor inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
LP6235
Aug.-2017
Email: marketing@lowpowersemi.com
www.lowpowersemi.com
Page 2 of 6
Preliminary Datasheet
LP6235
Functional Pin Description
Package Type
Pin Configurations
SOT23-6
1
2
3
4
5
6
LP6235
Pin
Name
Description
1
SW
switching pin.
2
GND
Ground.
3
FB
Regulation Feedback Input. Connect to an external resistive voltage divider from the
output to FB to set the output voltage.
4
EN
Regulator ON/OFF Control Input. A logic high input(VEN>1.4V) turns on the regulator. A
logic low input(VEN<0.4V) puts the LP6223 into low current shutdown mode.
5
VIN
Power Supply pin.
6
ISET
This pin sets input current limit: Iout_LIMIT=100A/R3
Function Diagram
FB
EN
SHUTDOWN
CIRCUITRY
UVLO
SOFT
START
CONTROL
AND DRIVER
LOGIC
SLOPE
COMPENSASION
OSCILLATOR
VIN
SW
GND
OTP
SHORT
CIRCUIT
COMP.
Error
Amp.
PWM
COMP.
CURRENT
SENSE
AMP.
10μA
0.3V
1.25V
Σ
+
+
+
+
-
-
-
-
ADJUSTABLE
CURRENT
LIMIT
ISET



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com