Electronic Components Datasheet Search
  English  ▼

X  

LP6280 Datasheet(PDF) 10 Page - Lowpower Semiconductor inc

Part # LP6280
Description  Dual Channel Output LCD Bias Power
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP6280 Datasheet(HTML) 10 Page - Lowpower Semiconductor inc

Back Button LP6280 Datasheet HTML 4Page - Lowpower Semiconductor inc LP6280 Datasheet HTML 5Page - Lowpower Semiconductor inc LP6280 Datasheet HTML 6Page - Lowpower Semiconductor inc LP6280 Datasheet HTML 7Page - Lowpower Semiconductor inc LP6280 Datasheet HTML 8Page - Lowpower Semiconductor inc LP6280 Datasheet HTML 9Page - Lowpower Semiconductor inc LP6280 Datasheet HTML 10Page - Lowpower Semiconductor inc LP6280 Datasheet HTML 11Page - Lowpower Semiconductor inc LP6280 Datasheet HTML 12Page - Lowpower Semiconductor inc  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
LP6280
Page 10 of 12
LP6280–00
Version 0.1 DEC.-2016 Email: marketing@lowpowersemi.com www.lowpowersemi.com
Preliminary Datasheet
Application Information (Continued)
Set VON Voltage (Register Address – 01H)
VON Voltage
Addr: 01H
Default Value : VON(Register)=0x0FH, VON =-5.5V
D7
D6
D5
D4
D3
D2
D1
D0
R
R
R
R/W
R/W
R/W
R/W
R/W
0
0
0
VON[4]
VON [3]
VON [2]
VON [1]
VON [0]
VON
[4:0]
Register
Volt (V)
Register
Volt (V)
00000
-4.00
10000
-5.60
00001
-4.10
10001
-5.70
00010
-4.20
10010
-5.80
00011
-4.30
10011
-5.90
00100
-4.40
10100
-6.00
00101
-4.50
10101
-6.00
00110
-4.60
10110
-6.00
00111
-4.70
10111
-6.00
01000
-4.80
11000
-6.00
01001
-4.90
11001
-6.00
01010
-5.00
11010
-6.00
01011
-5.10
11011
-6.00
01100
-5.20
11100
-6.00
01101
-5.30
11101
-6.00
01110
-5.40
11110
-6.00
01111
-5.50
11111
-6.00
Set Discharge Resistor Enable (Register Address – 03H)
Discharged Resistor Enable/Disable
Addr: 03H
Default Value : DIS_VO(Register)=0x03H
D7
D6
D5
D4
D3
D2
D1
D0
R
R
R
R
R
R
R/W
R/W
0
0
0
0
0
0
DIS_VOP
DIS_VON
DIS_VOP
DIS_VON
Register
DIS_VOP
Register
DISP_VOP
0
Disable
0
Disable
1
Enable
1
Enable
Set Control Register (Register Address – FFH)
Control Register
Addr: FFH
Write : Control(Register)=0x80H, Read : Control(Register)=0x00H
D7
D6
D5
D4
D3
D2
D1
D0
R/W
R
R
R
R
R
R
R
W_EPROM
0
0
0
0
0
0
0
W_EPROM
Register
Bit Description
0
Disable any registers data write into the EPROM
1
Enable all register’s data to write into the EPROM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com