Electronic Components Datasheet Search
  English  ▼

X  

LP6280 Datasheet(PDF) 4 Page - Lowpower Semiconductor inc

Part # LP6280
Description  Dual Channel Output LCD Bias Power
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP6280 Datasheet(HTML) 4 Page - Lowpower Semiconductor inc

  LP6280 Datasheet HTML 1Page - Lowpower Semiconductor inc LP6280 Datasheet HTML 2Page - Lowpower Semiconductor inc LP6280 Datasheet HTML 3Page - Lowpower Semiconductor inc LP6280 Datasheet HTML 4Page - Lowpower Semiconductor inc LP6280 Datasheet HTML 5Page - Lowpower Semiconductor inc LP6280 Datasheet HTML 6Page - Lowpower Semiconductor inc LP6280 Datasheet HTML 7Page - Lowpower Semiconductor inc LP6280 Datasheet HTML 8Page - Lowpower Semiconductor inc LP6280 Datasheet HTML 9Page - Lowpower Semiconductor inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
LP6280
Page 4 of 12
LP6280–00
Version 0.1 DEC.-2016 Email: marketing@lowpowersemi.com www.lowpowersemi.com
Preliminary Datasheet
Absolute Maximum Ratings
Note 1
Supply Voltage VIN, VCFLY1
------------------------------------------------------------------ -0.3V to +7V
Enable Voltage VENN, VENP
------------------------------------------------------------------ -0.3V to VIN+0.3V
Positive Output Voltage VOUT, VOP
--------------------------------------------------------- -0.3V to +7V
Negative Output Voltage VON, VCFY2
------------------------------------------------------ +0.3V to -7V
SW Voltage VSW
---------------------------------------------------------------------------------- -0.3V to +7V
SDA,SCL Voltage
--------------------------------------------------------------------------------- -0.3V to +7V
Operating Junction Temperature Range (TJ)
----------------------------------------------- -40°C to +150°C
Operation Ambient Temperature Range
----------------------------------------------------- -40°C to +85°C
Storage Temperature Range
------------------------------------------------------------------- -65°C to +150°C
Maximum Soldering Temperature (at leads, 10sec)
-------------------------------------- +260°C
Note 1. Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress
ratings only, and functional operation of the device at these or any other conditions beyond those indicated in the operational sections of
the specifications is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability.
Thermal Information
Thermal Resistance
WLCSP 15-ball (1.4mm x 2.3mm)
, θJA ------------------------------------------------------------------------- 95°C/W
WLCSP 15-ball (1.4mm x 2.3mm),
θJC ------------------------------------------------------------------------- 1°C/W
ESD Susceptibility
HBM(Human Body Mode) Note 2 ---------------------------------------------------------------------------------- 2KV
MM(Machine Mode) Note 3 ------------------------------------------------------------------------------------------ 200V
Note 2.
The Human body model (HBM) is a 100pF capacitor discharged through a 1.5kΩ resistor into each pin. The testing is done
according JEDEC.
Note 3. Machine Model (MM) is a 200pF capacitor discharged through a 500nH inductor with no series resistor into each pin. The testing
is done according JEDEC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com