Electronic Components Datasheet Search
  English  ▼

X  

BFCN-7331 Datasheet(PDF) 1 Page - Mini-Circuits

Part # BFCN-7331
Description  Bandpass Filter
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits

BFCN-7331 Datasheet(HTML) 1 Page - Mini-Circuits

  BFCN-7331 Datasheet HTML 1Page - Mini-Circuits BFCN-7331 Datasheet HTML 2Page - Mini-Circuits BFCN-7331 Datasheet HTML 3Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Page 1 of 3
Notes
A. Performance and quality attributes and conditions not expressly stated in this specification document are intended to be excluded and do not form a part of this specification document.
B. Electrical specifications and performance data contained in this specification document are based on Mini-Circuit’s applicable established test performance criteria and measurement instructions.
C. The parts covered by this specification document are subject to Mini-Circuits standard limited warranty and terms and conditions (collectively, “Standard Terms”); Purchasers of this part are entitled
to the rights and benefits contained therein. For a full statement of the Standard Terms and the exclusive rights and remedies thereunder, please visit Mini-Circuits’ website at www.minicircuits.com/MCLStore/terms.jsp
Mini-Circuits®
www.minicircuits.com P.O. Box 350166, Brooklyn, NY 11235-0003 (718) 934-4500 sales@minicircuits.com
The Big Deal
• LTCC construction
• Temperature stable from -55 to +100°C
• Small size (0.126 x .063 X .037”)
Product Overview
The BFCN-7331+ LTCC bandpass filter covers the 6850 to 7850 MHz passband with 1.4 dB passband
insertion loss, 23 dB lower stop band rejection, and 20 dB upper stopband rejection. This model handles
up to 2.5W RF input power and provides a wide operating temperature range from -55 to +100°C. Utiliz-
ing LTCC multi-layer construction, the filter achieves excellent repeatability of performance and comes
in a tiny 1206 ceramic package with wraparound terminations, minimizing performance variations due to
parasitics and saving space in dense PCB layouts.
Key Features
Feature
Advantages
LTCC Construction
Provides a rugged package well suited for tough environments such as high humidity
and temperature extremes.
Tiny size (0.126 x .063 x .037”)
Saves space in dense circuit boards and minimizes the effects of parasitics.
Wrap-around terminations
Provides excellent solderability and easy visual inspection
Wide operating temperature range,
-55 to +100°C
Enables reliable performance in extreme environments
BFCN-7331+
50Ω
6850 to 7850 MHz
Bandpass Filter
CASE STYLE: FV1206-4
Ceramic


Similar Part No. - BFCN-7331

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
BFCN-7350 MINI-BFCN-7350 Datasheet
309Kb / 2P
LTCC Bandpass Filter
BFCN-7350+ MINI-BFCN-7350+ Datasheet
149Kb / 1P
LTCC Bandpass Filter
BFCN-7350+ MINI-BFCN-7350+ Datasheet
309Kb / 2P
LTCC Bandpass Filter
More results

Similar Description - BFCN-7331

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
VBF-8000 MINI-VBF-8000 Datasheet
276Kb / 2P
Bandpass Filter
VBF-7500 MINI-VBF-7500 Datasheet
310Kb / 2P
Bandpass Filter
VBF-7350 MINI-VBF-7350 Datasheet
313Kb / 2P
Bandpass Filter
VBF-2275 MINI-VBF-2275 Datasheet
329Kb / 2P
Bandpass Filter
ZX75BP-1842 MINI-ZX75BP-1842 Datasheet
166Kb / 1P
Bandpass Filter
VBFZ-3590 MINI-VBFZ-3590 Datasheet
228Kb / 1P
Bandpass Filter
VBFZ-4000 MINI-VBFZ-4000 Datasheet
259Kb / 1P
Bandpass Filter
VBFZ-5500 MINI-VBFZ-5500 Datasheet
228Kb / 1P
Bandpass Filter
ZABP-450 MINI-ZABP-450 Datasheet
372Kb / 3P
Bandpass Filter
ZABP-587-S MINI-ZABP-587-S Datasheet
349Kb / 3P
Bandpass Filter
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com