Electronic Components Datasheet Search
  English  ▼

X  

BFCN-7331 Datasheet(PDF) 2 Page - Mini-Circuits

Part # BFCN-7331
Description  Bandpass Filter
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits

BFCN-7331 Datasheet(HTML) 2 Page - Mini-Circuits

  BFCN-7331 Datasheet HTML 1Page - Mini-Circuits BFCN-7331 Datasheet HTML 2Page - Mini-Circuits BFCN-7331 Datasheet HTML 3Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Page 2 of 3
Notes
A. Performance and quality attributes and conditions not expressly stated in this specification document are intended to be excluded and do not form a part of this specification document.
B. Electrical specifications and performance data contained in this specification document are based on Mini-Circuit’s applicable established test performance criteria and measurement instructions.
C. The parts covered by this specification document are subject to Mini-Circuits standard limited warranty and terms and conditions (collectively, “Standard Terms”); Purchasers of this part are entitled
to the rights and benefits contained therein. For a full statement of the Standard Terms and the exclusive rights and remedies thereunder, please visit Mini-Circuits’ website at www.minicircuits.com/MCLStore/terms.jsp
Mini-Circuits®
www.minicircuits.com P.O. Box 350166, Brooklyn, NY 11235-0003 (718) 934-4500 sales@minicircuits.com
Ceramic
BFCN-7331+
Electrical Specifications1,2 at 25°C
Parameter
F#
Frequency (MHz)
Min.
Typ.
Max.
Unit
Pass Band
Center Frequency
—
7330
MHz
Insertion Loss
F1 - F2
6850 - 7850
—
1.4
3.5
dB
VSWR
F1 - F2
6850 - 7850
—
1.45
—
:1
Stop Band, Lower
Insertion Loss
DC - F3
5800
10
23
—
dB
VSWR
DC - F3
5800
—
19
—
:1
Stop Band, Upper Insertion Loss
F4 - F5
9300 - 13300
10
20
—
dB
VSWR
F4 - F5
9300 - 13300
—
20
—
:1
Pad Connections
Input
1
Output
3
Ground
2,4
50Ω
6850 to 7850 MHz
Bandpass Filter
+RoHS Compliant
The +Suffix identifies RoHS Compliance. See our web site
for RoHS Compliance methodologies and qualifications
Applications
• Harmonic rejection
• Transmitters / Receivers
• UWB impulse radar
• Emission masking
Features
• Small size(0.126 x .063 x .037)
• Temperature stable
• LTCC construction
Maximum Ratings
Operating Temperature
-55°C to +100°C
Storage Temperature
-55°C to +100°C
RF Power Input*
2.5 W at 25°C
*Passband rating, derate linearly to 0.7 W at 100°C ambient
Permanent damage may occur if any of these limits are exceeded.
0
20
40
60
80
100
0
2800
5600
8400
11200
14000
FREQUENCY (MHz)
BFCN-7331+
INSERTION LOSS (Full Band)
0.0
1.0
2.0
3.0
4.0
5.0
6850
7050
7250
7450
7650
7850
FREQUENCY (MHz)
BFCN-7331+
VSWR
0.0
0.5
1.0
1.5
2.0
2.5
6850
7050
7250
7450
7650
7850
FREQUENCY (MHz)
BFCN-7331+
INSERTION LOSS (Pass Band)
0.0
0.1
0.2
0.3
0.4
0.5
6850
7050
7250
7450
7650
7850
FREQUENCY (MHz)
BFCN-7331+
GROUP DELAY
Functional Schematic
CASE STYLE: FV1206-4
REV. OR
M164200
ED-15031105/3
BFCN-7331+
AVB/CP/AM
180102
Specification Definition
DC
FREQUENCY (MHz)
F4
F5
F2
F1
F3
RF IN
RF OUT
Available Tape
and Reel
at no extra cost
Reel Size
Devices/Reel
7”
20, 50, 100, 200, 500,1000, 3000
1. Measured on Mini-Circuits Characterization Test Board TB-824+.
2. This filter is not intended for use as a DC Blocking circuit element. In Application where DC voltage is present at either input or output ports, blocking
capacitors are required at the corresponding RF port.
Top View



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com