Electronic Components Datasheet Search
  English  ▼

X  

OV6620 Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers

Part # OV6620
Description  SINGLE-CHIP CMOS CIF COLOR DIGITAL CAMERA
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

OV6620 Datasheet(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button OV6620 Datasheet HTML 7Page - List of Unclassifed Manufacturers OV6620 Datasheet HTML 8Page - List of Unclassifed Manufacturers OV6620 Datasheet HTML 9Page - List of Unclassifed Manufacturers OV6620 Datasheet HTML 10Page - List of Unclassifed Manufacturers OV6620 Datasheet HTML 11Page - List of Unclassifed Manufacturers OV6620 Datasheet HTML 12Page - List of Unclassifed Manufacturers OV6620 Datasheet HTML 13Page - List of Unclassifed Manufacturers OV6620 Datasheet HTML 14Page - List of Unclassifed Manufacturers OV6620 Datasheet HTML 15Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 31 page
background image
14 May 1999
Version 1.11
11
OV6620/OV6120
SINGLE IC CMOS COLOR AND B/W DIGITAL CAMERAS
OMNIVISION TECHNOLOGIES, Inc.
Advanced Information
Preliminary
Figure 4. Pixel Data Bus (RGB Output)
Y[7:0]
PCLK
HREF
UV[7:0]
10
10
G
R
10
10
B
G
repeat for all data bytes
Pixel Data 16-bit Timing
Y[7:0]
PCLK
HREF
10
10
B
B
repeat for all data bytes
Pixel Data 8-bit Timing
10
G
G
10
PCLK rising edge latches data bus
PCLK rising edge latches data bus
Tclk
Tclk
Thd
Thd
Tsu
Tsu
Note: Tclk is pixel clock period. When the OV6620 system clock is 17.73MHz, Tclk = 112ns for 16-bit
output; Tclk = 56ns for 8-bit output. Tsu is HREF set-up time, maximum is 15 ns; Thd is HREF hold time,
maximum is 15 ns.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com