Electronic Components Datasheet Search
  English  ▼

X  

OV6620 Datasheet(PDF) 13 Page - List of Unclassifed Manufacturers

Part # OV6620
Description  SINGLE-CHIP CMOS CIF COLOR DIGITAL CAMERA
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

OV6620 Datasheet(HTML) 13 Page - List of Unclassifed Manufacturers

Back Button OV6620 Datasheet HTML 9Page - List of Unclassifed Manufacturers OV6620 Datasheet HTML 10Page - List of Unclassifed Manufacturers OV6620 Datasheet HTML 11Page - List of Unclassifed Manufacturers OV6620 Datasheet HTML 12Page - List of Unclassifed Manufacturers OV6620 Datasheet HTML 13Page - List of Unclassifed Manufacturers OV6620 Datasheet HTML 14Page - List of Unclassifed Manufacturers OV6620 Datasheet HTML 15Page - List of Unclassifed Manufacturers OV6620 Datasheet HTML 16Page - List of Unclassifed Manufacturers OV6620 Datasheet HTML 17Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 31 page
background image
14 May 1999
Version 1.11
13
OV6620/OV6120
SINGLE IC CMOS COLOR AND B/W DIGITAL CAMERAS
OMNIVISION TECHNOLOGIES, Inc.
Advanced Information
Preliminary
Notes:
A. Y port output data sequence: G R G R G R ... or G G G G ... ; UV port output data sequence: B G B G B G ... or B R B R ... ;
Array Color Filter Patter is Bayer-Pattern
B. Output Modes
16-bit Format (HREF total 292)
Default mode:
– 1st HREF Y channel output unstable data, UV output B11 G12 B13 G14 ....
– 2nd HREF Y channel output G21 R22 G23 R24 ..., UV output B11 G12 B13 G14 ...
– 3rd HREF Y channel output G21 R22 G23 R24 ..., UV output B31 G23 B33 G34 ....
– Every line of data is output twice.
YG mode:
– 1st HREF Y and UV output unstable data.
– 2nd HREF Y channel output G21 G12 G23 G14 ..., UV output B11 R22 B13 R24 ...
– 3rd HREF Y is G21 G32 G23 G34 ..., UV channel is B31 R22 B33 R24 ...
– Every line data output twice.
One line mode:
– 1st HREF Y channel output B11 G12 B13 G14 ...,
– 2nd HREF Y channel output G21 R22 G23 R24 ...,
– UV channel tri-state.
8-bit Format (HREF total 292)
– 1st HREF Y channel output unstable data.
– 2nd HREF Y channel output B11 G21 R22 G12 ...
– 3rd HREF Y channel output B31 G21 R22 G32 ..., etc.
– PCLK timing is double and PCLK rising edge latch data bus. UV channel tri-state. Every line data output twice.
4-bit Nibble Mode Output Format
– Uses higher 4 bits of Y port (Y[7:4]) as output port.
– Supports YCrCb/RGB data, CCIR601/CCIR656 timing, Color/B&W.
– Output sequence: High order 4 bits followed by lower order 4 bits
Y0h Y0l Y1h Y1l ...
U0h U0l V0h V0l ...
For B/W or one-line RGB raw data, the output data clock speed is doubled. For color YUV, output clock is four times that of the 16-bit output
data. In color mode, sensor must be set to 8-bit mode, and the nibble timing, clock divided by 2.
– Output sequence: U0h U0l Y0h Y0l V0h V0l Y1h Y1l ...
Table 9. RGB Raw Data Format
R\C
1
2
3
4
.
353
354
355
356
1
B11
G12
B13
G14
B
G
B
G
2
G21
R22
G23
R24
G
R
G
R
3
B31
G32
B33
G34
B
G
B
G
4
G41
R42
G43
R44
G
R
G
R
5
B51
G52
B53
G54
B
G
B
G
.
289
B
G
B
G
B
G
B
G
290
G
R
G
R
G
R
G
R
291
B
G
B
G
B
G
B
G
292
G
R
G
R
G
R
G
R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com