Electronic Components Datasheet Search
  English  ▼

X  

OV6120 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # OV6120
Description  SINGLE-CHIP CMOS CIF COLOR DIGITAL CAMERA
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

OV6120 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  OV6120 Datasheet HTML 1Page - List of Unclassifed Manufacturers OV6120 Datasheet HTML 2Page - List of Unclassifed Manufacturers OV6120 Datasheet HTML 3Page - List of Unclassifed Manufacturers OV6120 Datasheet HTML 4Page - List of Unclassifed Manufacturers OV6120 Datasheet HTML 5Page - List of Unclassifed Manufacturers OV6120 Datasheet HTML 6Page - List of Unclassifed Manufacturers OV6120 Datasheet HTML 7Page - List of Unclassifed Manufacturers OV6120 Datasheet HTML 8Page - List of Unclassifed Manufacturers OV6120 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 31 page
background image
14 May 1999
Version 1.11
3
OV6620/OV6120
SINGLE IC CMOS COLOR AND B/W DIGITAL CAMERAS
OMNIVISION TECHNOLOGIES, Inc.
Advanced Information
Preliminary
24
UV2/QCIF
I/O
Bit 2 of U video component output. At power up, sampled as QCIF.
25
UV1/CC656
I/O
Bit 1 of U video component output. At power up, sampled as CC656.
26
UV0/GAMMA
I/O
Bit 0 of U video component output. At power up, sampled as GAMMA.
27
XCLK1
I
Crystal clock input
28
XCLK2
O
Crystal clock output
29
DVDD
Vin
Digital power supply (+5VDC)
30
DGND
Vin
Digital ground
31
DOGND
Vin
Digital interface output buffer ground
32
DOVDD
Vin
Digital interface output buffer power supply (+5VDC)
33
PCLK/PWDB
I/O
PCLK output. At power up sampled as PWDB.
34
Y7/CS0
I/O
Bit 7 of Y video component output. At power up, sampled as CS0.
35
Y6/CS2
I/O
Bit 6 of Y video component output. At power up, sampled as CS2.
36
Y5/SHARP
I/O
Bit 5 of Y video component. At power up, sampled as SHARP.
37
Y4/CS1
I/O
Bit 4 of Y video component. At power up, sampled as CS1
38
Y3/RGB
I/O
Bit 3 of Y video component output. At power up, sampled as RGB.
39
Y2/G2X
I/O
Bit 2 of Y video component output. At power up, sampled as G2X.
40
Y1
I/O
Bit 1 of Y video component output.
41
Y0/CBAR
I/O
Bit 0 of Y video component output. At power up, sampled as CBAR.
42
CHSYNC/BW
I/O
CHSYNC output. At power up, sampled as BW.
43
DEGND
Vin
Decoder ground.
44
DEVDD
Vin
Decoder power supply (+5VDC)
45
SCL
I
I2C serial interface clock input
46
SDA
I/O
I2C serial interface data input and output.
47
MULT
Function
(Default = 0)
I2C slave selection
“0” - Select single slave ID
“1” - Enable multiple (8) slaves
48
SGND
Vin
Array ground
Table 1. Pin Description
Pin No.
Name
Pin Type
Function/Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com