Electronic Components Datasheet Search
  English  ▼

X  

OV6120 Datasheet(PDF) 14 Page - List of Unclassifed Manufacturers

Part # OV6120
Description  SINGLE-CHIP CMOS CIF COLOR DIGITAL CAMERA
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

OV6120 Datasheet(HTML) 14 Page - List of Unclassifed Manufacturers

Back Button OV6120 Datasheet HTML 10Page - List of Unclassifed Manufacturers OV6120 Datasheet HTML 11Page - List of Unclassifed Manufacturers OV6120 Datasheet HTML 12Page - List of Unclassifed Manufacturers OV6120 Datasheet HTML 13Page - List of Unclassifed Manufacturers OV6120 Datasheet HTML 14Page - List of Unclassifed Manufacturers OV6120 Datasheet HTML 15Page - List of Unclassifed Manufacturers OV6120 Datasheet HTML 16Page - List of Unclassifed Manufacturers OV6120 Datasheet HTML 17Page - List of Unclassifed Manufacturers OV6120 Datasheet HTML 18Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 31 page
background image
OV6620/OV6120
14
Version 1.11
14 May 1999
SINGLE IC CMOS COLOR AND B/W DIGITAL CAMERAS
OMNIVISION TECHNOLOGIES, Inc.
Advanced Information
Preliminary
1.2.7
Slave Mode Operation
The OV6620/OV6120 sensors can be programmable to
operate in slave mode configuration (COMI[6] = 1, de-
fault is master mode). HSYNC and VSYNC output sig-
nals are provided.
When used as a slave device, the external master must
provide the OV6620/OV6120 imager with the following:
1. System clock CLK to XCLK1 pin;
2. Horizontal sync, Hsync, to CHSYNC pin, positive
assertion;
3. Vertical frame sync, Vsync, to VSYNC pin,
positive assertion
When in slave mode, the OV6620/OV6120 tri-states
CHSYNC (pin 42) and VSYNC (pin 16) output pins,
which may then be used as input pins. To synchronize
multiple devices, the OV6620/OV6120 image sensors
use external system clock, CLK, to synchronize external
horizontal sync, HSYNC, which is then used to synchro-
nize external vertical frame sync, Vsync. See Figure 5,
Slave Mode External Sync Timing for timing consider-
ations.
1.2.8
Frame Exposure Mode
The OV6620/OV6120 sensors support frame exposure
mode when programmed for Progressive Scan. FREX
(pin 4) is asserted by an external master device to set
exposure time. When FREX = 1, the OV6620/OV6120
pixel array will be quickly precharged. Based on the ex-
ternal master’s assertion of FREX, the OV6620/OV6120
devices capture the image. When the master de-asserts
FREX (FREX = 0), the video output data stream is deliv-
ered to the OV6620/OV6120 output port in a line-by-line
manner.
It should be noted that FREX must active long enough
to ensure the complete image array has been pre-
charged.
When data is being output from the OV6620/OV6120
image sensor, care must be taken so as not to expose
the image array to light. This may affect the integrity of
the image data captured. A mechanical shutter synchro-
nized with the frame exposure rate can be used to min-
imize this situation. Frame exposure mode timing is
shown in Section Figure 6. Frame Exposure Timing be-
low.
1.2.9
Reset
The OV6620/OV6120 image sensor includes a RESET
pin (pin 2) which forces a complete hardware reset when
pulled high (Vcc). When a hardware reset occurs, the
OV6620/OV6120 sensor clears all registers or sets
them to their default values. Reset may also be initiated
through the I2C interface.
1.2.10 Power Down Mode
Two methods are available for placing the OV6620/
OV6120 devices into power-down mode: hardware pow-
er down and I2C/software power down.
To initiate hardware power down the PWDN pin (pin 9)
must be tied to high (+5VDC). When this occurs, the
OV6620/OV6120 internal device clock is halted and all
internal registers (except I2C registers) are reset. In this
mode, current draw is less than 10uA.
Executing a software power down through the I2C inter-
face suspends internal circuit activity, but does halt the
device clock. In this mode, current requirements drop to
less than 1mA.
1.2.11 Configuring the OV6620/OV6120 Image
Sensors
Two methods are provided for configuring the OV6620/
OV6120 IC for specific application requirements.
At power up, the OV6620/OV6120 sensor reads the sta-
tus of certain pins to determine what, if any, power up
default settings are requested. Once the reading of the
external pins is completed, the device configures its in-
ternal registers according to the specified pins. Not all
device functions are available for configuration through
external pin.
A more flexible and comprehensive method for configur-
ing the OV6620/OV6120 IC is to use its on-chip I2C reg-
ister programming capability. The I2C interface provides
access to all of the device’s programmable internal reg-
isters. See Section 3.1 I2C Bus Protocol Format for fur-
ther details about using the I2C interface on the
OV6620/OV6120 camera device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com