Electronic Components Datasheet Search
  English  ▼

X  

OV7411P Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # OV7411P
Description  SINGLE-CHIP CMOS COLOR PAL CAMERA
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

OV7411P Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  OV7411P Datasheet HTML 1Page - List of Unclassifed Manufacturers OV7411P Datasheet HTML 2Page - List of Unclassifed Manufacturers OV7411P Datasheet HTML 3Page - List of Unclassifed Manufacturers OV7411P Datasheet HTML 4Page - List of Unclassifed Manufacturers OV7411P Datasheet HTML 5Page - List of Unclassifed Manufacturers OV7411P Datasheet HTML 6Page - List of Unclassifed Manufacturers OV7411P Datasheet HTML 7Page - List of Unclassifed Manufacturers OV7411P Datasheet HTML 8Page - List of Unclassifed Manufacturers OV7411P Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
OV7910P/OV7410P/OV7411P
4
Version 1.4
December 7, 1999
SINGLE IC CMOS COLOR & B/W PAL ANALOG CAMERAS
OMNIVISION TECHNOLOGIES, Inc.
Preliminary
30
*
AWBTM
Function
(Default = 0)
(N/C on OV7410P/
OV7411P)
Automatic White Balance speed selection
“0” - Select normal AWB
“1” - Select “fast” AWB
Note: This function is not available on OV7410P/OV7411P Image Sensor. This pin is “no con-
nect”.
31
VAXPXO
Output
Valid pixel detect output. CLK is asserted on this pin during active image period.
32
VHSYNC/MIR
Output/Function
(Default = 0)
Vertical/horizontal sync output. Adding a pullup resistor on this pin enables mirror image
33
FSO/VSFR
Output/Function
(Default = 0)
Vertical field/frame sync output, default to field sync. Adding a pullup resistor on this pin enables
frame sync.
34
FODD/I2CEN
Output/Function
(Default = 0)
Even/Odd field flag. Adding a pullup resistor on this pin enables I2C control.
35
PALSW
Output
PAL switch clock output
36
FSI
Input
Field sync input
37
PWDN
Function
Power Down mode selection
“0” - Disable power down mode
“1” - Enable power down mode
38
AMOD0
Function
AMOD0 (w/AMOD1) selects output mode.
Note: This function is not available on OV7410P/OV7411P Image Sensor. This pin is “no con-
nect”.
39
AMOD1
Function
AMOD1 (w/AMOD0) selects output mode.
Note: This function is not available on OV7410P/OV7411P Image Sensor. This pin is “no con-
nect”.
40
HSHP
Function
Sharpness level selection
“0” - select normal sharpness
“1” - select x2 sharpness
41
DEVDD
Vin
Analog power
42
DEGNZD
Vin
Analog ground
43
SCL
Input/Output
I2C control
44
SDA
Input/Output
I2C data/address
45
VREF1
Vref
Internal reference. Must be decoupled with 0.1
µF capacitor to analog ground.
46
VREF2
Vref
Internal reference. Must be decoupled with 0.1
µF capacitor to analog ground.
47
VREF3
Vref
Internal reference. Must be decoupled with 0.1
µF capacitor to analog ground.
48
VREF4
Vref
Internal reference. Must be decoupled with 0.1
µF capacitor to analog ground.
Table 1. Pin Description
(Pins designated with “*” are “no connect” in OV7410P/OV7411P sensor.)
Pin No.
Name
Pin Type
Function/Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com