Electronic Components Datasheet Search
  English  ▼

X  

OV7411P Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers

Part # OV7411P
Description  SINGLE-CHIP CMOS COLOR PAL CAMERA
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

OV7411P Datasheet(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button OV7411P Datasheet HTML 7Page - List of Unclassifed Manufacturers OV7411P Datasheet HTML 8Page - List of Unclassifed Manufacturers OV7411P Datasheet HTML 9Page - List of Unclassifed Manufacturers OV7411P Datasheet HTML 10Page - List of Unclassifed Manufacturers OV7411P Datasheet HTML 11Page - List of Unclassifed Manufacturers OV7411P Datasheet HTML 12Page - List of Unclassifed Manufacturers OV7411P Datasheet HTML 13Page - List of Unclassifed Manufacturers OV7411P Datasheet HTML 14Page - List of Unclassifed Manufacturers OV7411P Datasheet HTML 15Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
December 7, 1999
Version 1.4
11
OV7910P/OV7410P/OV7411P
SINGLE IC CMOS COLOR & B/W PAL ANALOG CAMERAS
OMNIVISION TECHNOLOGIES, Inc.
Preliminary
rate using a 7-bit address/data transfer protocol .
Figure 3. I
2C Bus Protocol Format
S – START CONDITION
A – ACKNOWLEDGE BIT
P – STOP CONDITION
SLAVE ID - 1000000X
MSB
LSB=0
X – RW BIT, 1: READ, 0:WRITE
1ST BYTE
2ND BYTE
3RD BYTE
S
P
A
A
A
RW
SLAVE ID (7BIT)
SUBADDRESS (8BIT)
DATA (8BIT)
START
STOP
ACK
MSB
LSB=1
1ST BYTE
2ND BYTE
3RD BYTE
S
P
A
A
RW
SLAVE ID (7BIT)
START
STOP
ACK
DATA (8BIT)
DATA (8BIT)
MASTER TRANSMIT, SLAVE RECEIVE (WRITE CYCLE)
MASTER RECEIVE, SLAVE TRANSMIT (READ CYCLE)
– SLAVE TRANSMIT
– MASTER TRANSMIT
– MASTER INITIATE
NO ACK IN
LAST BYTE
ACK
1
MSB
LSB=0
1ST BYTE
2ND BYTE
S
P
A
A
RW
SLAVE ID (7BIT)
SUBADDRESS (8BIT)
START
STOP
ACK
MASTER TRANSMIT, SLAVE RECEIVE (DUMMY WRITE CYCLE)
2.
I2C Bus
Many of the functions and configuration registers in the
OV7910P/OV7410P/OV7411P
image
sensors
are
available through the I2C high-speed serial interface.
The I2C port is enabled by asserting the I2CEN line
(pin 34) through a 10K ohm resistor to VDD. When the
I2C
capability is enabled (I2CEN = 1),the OV7910P/
OV7410P/OV7411P imager operates as a slave
device that supports up to 400 kbps serial transfer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com