Electronic Components Datasheet Search
  English  ▼

X  

CMDD Datasheet(PDF) 1 Page - Wall Industries,Inc.

Part # CMDD
Description  60 Watt Single Output 2:1 Wide Input Voltage Range Chassis Mount DC/DC Converter
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

CMDD Datasheet(HTML) 1 Page - Wall Industries,Inc.

  CMDD Datasheet HTML 1Page - Wall Industries,Inc. CMDD Datasheet HTML 2Page - Wall Industries,Inc. CMDD Datasheet HTML 3Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Wall Industries, Inc. 5 Watson Brook Road Exeter, NH 03833
603-778-2300 www.wallindustries.com Fax 603-778-9797
CMDD Series
60 Watt Single Output
2:1 Wide Input Voltage Range
Chassis Mount DC/DC Converter
Rev. B
FEATURES
● Single Output Up to 14A
● High Efficiency up to 91%
● RoHS Directive Compliant
● Fixed Switching Frequency
● No Minimum Load Required
● Approved for Basic Insulation
● 2:1 Wide Input Voltage Range
● 60 Watts Maximum Output power
● Call Factory for More Output Power Options
● Chassis Mount Options: Open Frame, U Channel, and Enclosed Types Available
SPECIFICATIONS: CMDD Series
All specifications apply @ 25°C ambient unless otherwise noted
INPUT SPECIFICATIONS
Input Voltage Range ............ 24V nominal input ...................... 18 - 36VDC
48V nominal input ...................... 36 - 75VDC
Under Voltage Lockout
24V nominal input............. DC-DC ON..................................17VDC typ.
DC-DC OFF ................................15VDC typ.
48V nominal input............. DC-DC ON..................................34VDC typ.
DC-DC OFF ................................32VDC typ.
Input Voltage Variation......... dv/dt ............................................ 5V/ms max
(Complies with ETS300 132 part 4.4)
Input Surge Voltage (100ms max) ............... 24V input ...................50VDC
48V input .................100VDC
Input Reflected Ripple Current (nominal Vin and FL) ...................20mAp-p
Start Up Time (nominal Vin and constant resistive load)
Power Up................................................................................20ms max.
Remote ON/OFF ....................................................................20ms max.
Remote ON/OFF
Positive Logic .................. DC-DC ON................Open or 3V < Vr < 12V
DC-DC OFF .............Short or 0V < Vr < 1.2V
Negative Logic ................. DC-DC ON...............Short or 0V < Vr < 1.2V
DC-DC OFF ..............Open or 3V < Vr < 12V
Remote Off Input Current (nominal Vin) ..............................................3mA
OUTPUT SPECIFICATIONS
Output Voltage ..............................................................................see table
Voltage Accuracy (nom Vin and full load) ........................................... ±1%
Voltage Adjustability........................................................................... ±10%
Output Current ..............................................................................see table
Output Power ........................................................................ 60 watts max.
Line Regulation (LL to HL at FL)....................................................... ±0.2%
Load Regulation (no load to 100% load)........................................... ±0.5%
Minimum Load ..................................................................................... 0mA
Output Ripple & Noise ..................................................................see table
Transient Response Recovery Time (25% load step change)...........250us
PROTECTION SPECIFICATIONS
Over Voltage Protection......................3.3V Output .................. 3.7V - 5.4V
(Ctrl. voltage clamp)
5V Output ..................... 5.6V - 7.0V
12V Output ............... 13.5V - 19.6V
15V Output ............... 16.8V - 20.5V
Over Load Protection (% of FL at nominal input)...................... 150% max.
Short Circuit Protection ....................................Hiccup, automatic recovery
Over Temperature Protection ..................................................... 110°C typ
GENERAL SPECIFICATIONS
Efficiency ........................................................................................see table
Switching Frequency .................................................................300KHz typ.
Isolation Voltage (Input to Output)......................................... 1600VDC min.
Isolation Voltage (Input to Case) ........................................... 1600VDC min.
Isolation Voltage (Output to Case) ........................................ 1600VDC min.
Isolation Resistance ...............................................................10
9 ohms min.
Isolation Capacitance ............................................................. 1500pF max.
ENVIRONMENTAL SPECIFICATIONS
Operating Ambient Temperature ............. -40°C to +50°C (without derating)
+50°C to +105°C (with derating)
Storage Temperature .......................................................... -55°C ~ +125°C
Maximum Case Temperature ........................................................... +105°C
Relative Humidity...................................................................5% to 95% RH
Temperature Coefficient ................................................... ±0.02% / °C max.
Thermal Impedance (See Note 3)
Without Heat-Sink.................................................................. 9.2°C / Watt
With Heat-Sink......................................................................... 7.6°C/Watt
Thermal Shock .................................................................... MIL-STD-810D
Vibration ................................10~55Hz, 10G, 30 minutes along X, Y, and Z
MTBF (See Note 2) ........Bellcore TR-NWT-000332............ 1.093 x 10
6 hrs
MIL-STD-217F ............................. 1.096 x 10
5 hrs
PHYSICAL SPECIFICATIONS
Potting material of the DC/DC Converter ..........................Epoxy (UL94-V0)
Shielding of the DC/DC Converter............................................... six – sided
Weight .............................................................................Approximately 7oz
Dimensions............................................ 4.00(L) x 2.25(W) x 0.81(H) inches
SAFETY & EMC
Approvals and Standards .................IEC60950-1, UL60950-1, EN60950-1
Conducted Emissions................. EN55022 .....................................Class A
Radiated Emissions....................................................................... EN55022
ESD ............................................ EN61000-4-2.....................Perf. Criteria B
Radiated Immunity...................... EN61000-4-3..................... Perf. Criteria A
Fast Transient............................. EN61000-4-4.....................Perf. Criteria B
Surge .......................................... EN61000-4-5.....................Perf. Criteria B
Conducted Immunity................... EN61000-4-6.................... Perf. Criteria A
Due to advances in technology, specifications subject to change without notice
UL
TUV
CB
CE MARK (Pending)


Similar Part No. - CMDD

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CMDD2004 CENTRAL-CMDD2004 Datasheet
116Kb / 2P
SUPERmini. SURFACE MOUNT HIGH VOLTAGE SWITCHING DIODE
CMDD2004 CENTRAL-CMDD2004_10 Datasheet
367Kb / 2P
SURFACE MOUNT HIGH VOLTAGE SILICON SWITCHING DIODE
CMDD2004 CENTRAL-CMDD2004_11 Datasheet
367Kb / 2P
SURFACE MOUNT HIGH VOLTAGE SILICON SWITCHING DIODE
CMDD2004 CENTRAL-CMDD2004_15 Datasheet
367Kb / 2P
SURFACE MOUNT HIGH VOLTAGE SILICON SWITCHING DIODE
CMDD3003 CENTRAL-CMDD3003 Datasheet
109Kb / 2P
SUPERmini SURFACE MOUNT LOW LEAKAGE SWITCHING DIODE
More results

Similar Description - CMDD

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
JFC12S33-4000 WALL-JFC12S33-4000 Datasheet
175Kb / 3P
Single Output 15 Watt DC/DC Converter 2:1 Wide Input Voltage Range
JC5S33-500 WALL-JC5S33-500 Datasheet
230Kb / 8P
2:1 Wide Input Range Single and Dual Output 2 Watt DC/DC Converter
DD24S33-14000 WALL-DD24S33-14000 Datasheet
159Kb / 3P
DC/DC Converter 60 Watt Single Output 2:1 Wide Input Voltage Range
LANCW8 WALL-LANCW8 Datasheet
243Kb / 3P
Single and Dual Output 8 Watt DC/DC Converter 2:1 Wide Input Voltage Range
JC5533-500 WALL-JC5533-500 Datasheet
242Kb / 8P
2:1 Wide Input Range Single and Dual Output 2 Watt DC/DC Converter
CMDB WALL-CMDB Datasheet
248Kb / 3P
40 Watt Single Output 2:1 Input Voltage Range Chassis Mount DC/DC Converter
CMRJW WALL-CMRJW_16 Datasheet
180Kb / 2P
12 Watt Single Output 4:1 Input Voltage Range Chassis Mount DC/DC Converter
CMZF WALL-CMZF Datasheet
250Kb / 3P
30 Watt Single Output 2:1 Wide Input Voltage Range Chassis Mount DC/DC Converter
CMMD WALL-CMMD Datasheet
244Kb / 3P
20 Watt Single Output 2:1 Wide Input Voltage Range Chassis Mount DC/DC Converter
CMDBW WALL-CMDBW Datasheet
239Kb / 3P
40 Watt Single Output Chassis Mount DC/DC Converter 4:1 Ultra Wide Input Voltage Range
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com