Electronic Components Datasheet Search
  English  ▼

X  

CMDD Datasheet(PDF) 2 Page - Wall Industries,Inc.

Part # CMDD
Description  60 Watt Single Output 2:1 Wide Input Voltage Range Chassis Mount DC/DC Converter
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

CMDD Datasheet(HTML) 2 Page - Wall Industries,Inc.

  CMDD Datasheet HTML 1Page - Wall Industries,Inc. CMDD Datasheet HTML 2Page - Wall Industries,Inc. CMDD Datasheet HTML 3Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Wall Industries, Inc. 5 Watson Brook Road Exeter, NH 03833
603-778-2300 www.wallindustries.com Fax 603-778-9797
CMDD Series
60 Watt Single Output
2:1 Wide Input Voltage Range
Chassis Mount DC/DC Converter
Rev. B
OUTPUT VOLTAGE / CURRENT RATING CHART
Output Current
Input Current
Model Number
Input Range
Output
Voltage
Min. Load Full Load
Output
Ripple & Noise No load(4) Full Load(5)
Efficiency
(6)
Max Capacitive
Load
(7)
CMDD24S3.3-14000
3.3 VDC
0mA
14,000mA
75mVp-p
90mA
2264mA
89%
36,000µF
CMDD24S5-12000
5 VDC
0mA
12,000mA
75mVp-p
100mA
2874mA
91%
20,400µF
CMDD24S12-5000
12 VDC
0mA
5000mA
100mVp-p
120mA
2907mA
90%
3550µF
CMDD24S15-4000
24VDC
(18 – 36 VDC)
15 VDC
0mA
4000mA
100mVp-p
120mA
2907mA
90%
2300µF
CMDD48S3.3-14000
3.3 VDC
0mA
14,000mA
75mVp-p
90mA
1132mA
89%
36,000µF
CMDD48S5-12000
5 VDC
0mA
12,000mA
75mVp-p
100mA
1437mA
91%
20,400µF
CMDD48S12-5000
12 VDC
0mA
5000mA
100mVp-p
100mA
1453mA
90%
3550µF
CMDD48S15-4000
48VDC
(36 – 75 VDC)
15 VDC
0mA
4000mA
100mVp-p
100mA
1453mA
90%
2300µF
NOTES
1. The ON/OFF control function: There are positive (standard) and negative logic (option). The pin voltage is referenced to negative input.
To order negative logic ON/OFF control add the suffix “R” to the part number (Ex: CMDD48S5-12000R).
2. BELLCORE TR-NWT-000332. Case I: 50% Stress, Temperature at 40ºC. (Ground fixed and controlled environment).
MIL-STD-217F Notice2 @ Ta=25°C, Full Load (Ground, Benign, controlled environment).
3. Heat sink is optional. Please call factory for ordering details.
4. Typical Value at nominal input voltage.
5. Maximum value at nominal input voltage and full load
6. Typical Value at nominal input voltage and full load.
7. Test by minimum Vin and constant resistive load.
8. Chassis Mount Options: No suffix for open frame, “U” suffix for U Channel, and “E” suffix for Enclosed type.
9. The “Sense” option is not available for this series.
DERATING CURVES & EFFICIENCY GRAPHS



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com