Electronic Components Datasheet Search
  English  ▼

X  

DCBC60 Datasheet(PDF) 2 Page - Wall Industries,Inc.

Part # DCBC60
Description  Up to 60 Watts Isolated DC/DC Power Converter Single Output
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

DCBC60 Datasheet(HTML) 2 Page - Wall Industries,Inc.

  DCBC60 Datasheet HTML 1Page - Wall Industries,Inc. DCBC60 Datasheet HTML 2Page - Wall Industries,Inc. DCBC60 Datasheet HTML 3Page - Wall Industries,Inc. DCBC60 Datasheet HTML 4Page - Wall Industries,Inc. DCBC60 Datasheet HTML 5Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Rev D
DCBC60 SERIES
Up to 60 Watts
Isolated DC/DC Power Converter
Single Output
1/9/2018
Wall Industries, Inc. • 37 Industrial Drive, Exeter, NH 03833 • Tel: 603-778-2300 • Toll Free: 888-597-9255 •
Fax 603-778-9797
website: www.wallindustries.com • e-mail: sales@wallindustries.com
Page 2 of 5
SPECIFICATIONS
All specifications are based on 25°C, Nominal Input Voltage, and Maximum Output Current unless otherwise noted.
We reserve the right to change specifications based on technological advances.
SPECIFICATION
TEST CONDITIONS
Min
Typ
Max
Unit
INPUT SPECIFICATIONS
Input Voltage Range
24VDC nominal input
9
24
36
VDC
48VDC nominal input
18
48
75
Input Surge Voltage (100ms max.)
24V Input
50
VDC
48V Input
100
Input Reflected Ripple Current
Nominal Vin and Full Load
200
mAp-p
Input Filter
Pi Type
Input Current
See Table
OUTPUT SPECIFICATIONS
Output Voltage
See Table
Voltage Accuracy
Full Load and Nominal Vin
±1
%
Line Regulation
LL to HL at Full Load
±0.5
%
Load Regulation
25% Load to Full Load
3.3V Models
±0.8
%
All other models
±0.5
Output Power
See Table
Output Current
See Table
Ripple & Noise (20MHz bandwidth)
3.3V, 5V, &12V Models
75
mVp-p
15V Models
100
Transient Response Settling Time
50% Load Step Change
3
mS
Transient Response Over Shoot
di/dt=0.8A/µs
≤5
% of Vo
Start-Up Time
Nominal Vin and Constant Resistive Load
60
ms
Temperature Coefficient
±0.02
%/ºC
REMOTE ON/OFF CONTROL
Remote ON/OFF
Converter: ON
Open or 3.5V<Vr<12V
Converter: OFF
Short (to-Vin Pin 2) or 0V<Vr<0.7V
Sourcing Current of Remote Control Pin
Nominal Vin
<0.2
mA
Idle Input Current (at Remote OFF state) Nominal Vin
<20
mA
PROTECTION
Short Circuit Protection
Hiccup
Automatic Recovery
Over Load Protection
% of Full Load at Nominal Input
110
%
Over Voltage Protection
Zener Diode Clamp
3.3V models
3.9
V
5V models
6.2
12V models
15
15V models
18
Thermal Shutdown
110
ºC
ENVIRONMENTAL SPECIFICATIONS
Operating Temperature
With derating
-40
+85
ºC
Storage Temperature
-55
+125
ºC
Maximum Case Surface Temperature
+105
ºC
Relative Humidity
95
% RH
MTBF
888,000
hours
GENERAL SPECIFICATIONS
Efficiency
Nominal Input
See Table
Switching Frequency
300
kHz
Isolation Voltage
Input to Output
1500
VDC
Isolation Resistance
500VDC
10
G
Ω
Isolation Capacitance
1200
pF
PHYSICAL SPECIFICATIONS
Weight
2.96oz (84g) typ.
Dimensions (L x W x H)
2.0in x 2.0in x 0.5in
(50.8mm x 50.8mm x 12.7mm)
Case Material
Nickel-Coated Copper
Base Material
FR4 PCB
Potting Material
Silicon Rubber (UL94 V-0)
SAFETY & EMC CHARACTERISTICS
Safety Approvals



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com