Electronic Components Datasheet Search
  English  ▼

X  

DCBC60 Datasheet(PDF) 4 Page - Wall Industries,Inc.

Part # DCBC60
Description  Up to 60 Watts Isolated DC/DC Power Converter Single Output
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

DCBC60 Datasheet(HTML) 4 Page - Wall Industries,Inc.

  DCBC60 Datasheet HTML 1Page - Wall Industries,Inc. DCBC60 Datasheet HTML 2Page - Wall Industries,Inc. DCBC60 Datasheet HTML 3Page - Wall Industries,Inc. DCBC60 Datasheet HTML 4Page - Wall Industries,Inc. DCBC60 Datasheet HTML 5Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Rev D
DCBC60 SERIES
Up to 60 Watts
Isolated DC/DC Power Converter
Single Output
1/9/2018
Wall Industries, Inc. • 37 Industrial Drive, Exeter, NH 03833 • Tel: 603-778-2300 • Toll Free: 888-597-9255 •
Fax 603-778-9797
website: www.wallindustries.com • e-mail: sales@wallindustries.com
Page 4 of 5
MECHANICAL DRAWINGS
Pin Assignment
Pin
Single
Dual
1
+Vin
+Vin
2
-Vin
-Vin
3
Remote On/Off
4
-Sense
+Vout
5
+Sense
Common
6
+Vout
Common
7
-Vout
-Vout
8
Trim
HEATSINK OPTIONS
Material: Aluminum
Weight: 0.67oz (19g) (without converter)
Note: The product label on converter has to be removed before
mounting the heat-sink. For volume orders, converters will be
supplied with heat-sink already mounted. Please contact factory
for more details



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com