Electronic Components Datasheet Search
  English  ▼

X  

LP28056S Datasheet(PDF) 6 Page - Lowpower Semiconductor inc

Part # LP28056S
Description  1.2A Single-chip Li-ion and Li-POL Charge
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP28056S Datasheet(HTML) 6 Page - Lowpower Semiconductor inc

  LP28056S Datasheet HTML 1Page - Lowpower Semiconductor inc LP28056S Datasheet HTML 2Page - Lowpower Semiconductor inc LP28056S Datasheet HTML 3Page - Lowpower Semiconductor inc LP28056S Datasheet HTML 4Page - Lowpower Semiconductor inc LP28056S Datasheet HTML 5Page - Lowpower Semiconductor inc LP28056S Datasheet HTML 6Page - Lowpower Semiconductor inc LP28056S Datasheet HTML 7Page - Lowpower Semiconductor inc LP28056S Datasheet HTML 8Page - Lowpower Semiconductor inc  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
LP28056S-02
May.-2013
Email: marketing@lowpowersemi.com
www.lowpowersemi.com
Page 6 of 8
Preliminary Datasheet
LP28056S
Application Information
The LP28056S is a single cell lithium-ion battery
charger using a constant-current/constant-voltage
algorithm. It can deliver up to 1200mA of charge
current (using a good thermal PCB layout) with a
final float voltage accuracy of 4.2V. The LP28056S
includes an internal P-channel power MOSFET and
thermal regulation circuitry. No blocking diode or
external current sense resistor is required; thus, the
basic charger circuit requires only two external com-
ponents. Furthermore, the LP28056S is capable of
operating from a USB power source.
Normal Charge Cycle
A charge cycle begins when the voltage at the VIN
pin rises above the UVLO threshold level and a 1%
ISET ram resistor is connected from the ISET pin to
ground or when a battery is connected to the charger
output. If the BAT pin is less than 2.9V, the charger
enters trickle charge mode. In this mode, the
LP28056S supplies approximately 1/10 the RISET
rammed charge current to bring the battery voltage
up to a safe level for full current charging.
When the BAT pin voltage rises above 2.9V, the
charger enters constant-current mode, where the
RISET rammed charge current is supplied to the
battery. When the BAT pin approaches the final float
voltage, the LP28056S enters constant-voltage
mode and the charge current begins to decrease.
The charge cycle ends when the charge current
drops to 1/10 of the RISET rammed value.
ISET ramming Charge Current
The charge current is RISET rammed using a single
resistor from the ISET pin to ground. The battery
charge current is 500 times the current out of the
ISET pin. The ISET ram resistor and the charge
current are calculated using the following equations:
RISET=1000V/ICHG, IBAT=1000V/RISET
The charge current out of the BAT pin can be
determined at any time by monitoring the ISET pin
voltage using the following equation:
IBAT=VISET×500/RISET
Note: VISET is 2Volts.
Charge Termination
A charge cycle is terminated when the charge
current falls to 1/10th the ISET rammed value after the
final float voltage is reached. This condition is
detected by using an internal, filtered comparator to
monitor the ISET pin. When the ISET pin voltage falls
below 200mV for longer than tTERM(typically 1ms),
charging is terminated. The charge current is latched
off and the LP28056S enters standby mode, where
the input supply current drops to 200µA. In this state,
all loads on the BAT pin must be supplied by the
battery. (Note: C/10 termination is disabled in trickle
charging and thermal limiting modes).
Automatic Recharge
The LP28056S constantly monitors the BAT pin
voltage in standby mode. If this voltage drops below
the 4.05V recharge threshold (VRECHRG), another
charge cycle begins and current is once again
supplied to the battery. To manually restart a charge
cycle when in standby mode, the input voltage must
be removed and reapplied.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com