Electronic Components Datasheet Search
  English  ▼

X  

LP28056S Datasheet(PDF) 7 Page - Lowpower Semiconductor inc

Part # LP28056S
Description  1.2A Single-chip Li-ion and Li-POL Charge
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP28056S Datasheet(HTML) 7 Page - Lowpower Semiconductor inc

  LP28056S Datasheet HTML 1Page - Lowpower Semiconductor inc LP28056S Datasheet HTML 2Page - Lowpower Semiconductor inc LP28056S Datasheet HTML 3Page - Lowpower Semiconductor inc LP28056S Datasheet HTML 4Page - Lowpower Semiconductor inc LP28056S Datasheet HTML 5Page - Lowpower Semiconductor inc LP28056S Datasheet HTML 6Page - Lowpower Semiconductor inc LP28056S Datasheet HTML 7Page - Lowpower Semiconductor inc LP28056S Datasheet HTML 8Page - Lowpower Semiconductor inc  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
LP28056S-02
May.-2013
Email: marketing@lowpowersemi.com
www.lowpowersemi.com
Page 7 of 8
Preliminary Datasheet
LP28056S
Charge Status Indicator (STAT)
The charge status output has two different states:
strong pull-down (~5mA) and high impedance. The
strong pull-down state indicates that the LP28056S is
in a charge cycle. Once the charge cycle has
terminated, the pin state is determined by under
voltage lockout conditions. High impedance indicates
that the LP28056S is in under voltage lockout mode:
either VIN is less than 100mV above the BAT pin
voltage or insufficient voltage is applied to the VIN
pin. A microprocessor can be used to distinguish
between these two states.
Charge Stage
STAT1 Status
STAT2 Status
Charging
Low
High
Charge Complete
High
Low
Thermal Limiting
An internal thermal feedback loop reduces the ISET
rammed charge current if the die temperature
attempts to rise above a preset value of
approximately 150°C. This feature protects the
LP28056S from excessive temperature and allows
the user to push the limits of the power handling
capability of a given circuit board without risk of
damaging the LP28056S. The charge current can be
set according to typical (not worst-case) ambient
temperature with the assurance that the charger will
automatically reduce the current in worst-case
conditions.
Under voltage Lockout (UVLO)
An internal under voltage lockout circuit monitors the
input voltage and keeps the charger in shutdown
mode until VIN rises above the under voltage lockout
threshold. The UVLO circuit has a built-in hysteresis
of 200mV. Furthermore, to protect against reverse
current in the power MOSFET, the UVLO circuit
keeps the charger in shutdown mode if VIN falls to
within 30mV of the battery voltage. If the UVLO
comparator is tripped, the charger will not come out
of shutdown mode until VIN rises to 100mV above the
battery voltage.
Power Dissipation
The conditions that cause the LP28056S to reduce
charge current through thermal feedback can be
approximated by considering the power dissipated in
the IC. Nearly all of this power dissipation is
generated by the internal MOSFET. This is
calculated to be approximately:
PD=(VIN-VBAT)×IBAT
Where PD is the power dissipated, VIN is the input
supply voltage, VBAT is the battery voltage and IBAT is
the charge current. The approximate ambient
temperature at which the thermal feedback begins to
protect the IC is:
TA=150℃-PD×θJA
TA=150℃-(VIN-VBAT)×IBAT×θJA



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com